Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T54EEM030CSS075 Datasheet(PDF) 15 Page - Vishay Siliconix

Part # T54EEM030CSS075
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T54EEM030CSS075 Datasheet(HTML) 15 Page - Vishay Siliconix

Back Button T54EEM030CSS075 Datasheet HTML 11Page - Vishay Siliconix T54EEM030CSS075 Datasheet HTML 12Page - Vishay Siliconix T54EEM030CSS075 Datasheet HTML 13Page - Vishay Siliconix T54EEM030CSS075 Datasheet HTML 14Page - Vishay Siliconix T54EEM030CSS075 Datasheet HTML 15Page - Vishay Siliconix T54EEM030CSS075 Datasheet HTML 16Page - Vishay Siliconix T54EEM030CSS075 Datasheet HTML 17Page - Vishay Siliconix T54EEM030CSS075 Datasheet HTML 18Page - Vishay Siliconix T54EEM030CSS075 Datasheet HTML 19Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Polymer Guide
www.vishay.com
Vishay
Revision: 08-Sep-2022
4
Document Number: 40076
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HERMETICALLY SEALED TANTALUM CAPACITOR WITH POLYMER CATHODE TYPE T27
POLYMER CAPACITORS - METAL CASE, HERMETICALLY SEALED
SERIES
T27
PRODUCT IMAGE
TYPE
VPolyTanTM hermetically sealed polymer surface-mount
chip capacitors, low ESR
FEATURES
Hermetically sealed in metal case, low ESR / low DCL,
hi-rel. processing
TEMPERATURE RANGE
-55 °C to +125 °C
CAPACITANCE RANGE
15 μF to 470 μF
VOLTAGE RANGE
16 V to 75 V
CAPACITANCE TOLERANCE
± 20 %
LEAKAGE CURRENT
0.05 CV
DISSIPATION FACTOR
12 %
ESR
25 m
Ω to 100 mΩ
CASE SIZES
D
TERMINATION FINISH
100 % tin; tin / lead
Anode polarity marking
Metal cover
Kapton sleeve
Metal case
Anode termination (+)
Cathode termination (-)
Silver epoxy adhesive
Sintered tantalum pellet
Polymer / carbon coating
Insulator
Silver coating
Bushing [optional]
Anode wire
Glass insulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com