Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T54E4M030CSS075 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T54E4M030CSS075
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T54E4M030CSS075 Datasheet(HTML) 1 Page - Vishay Siliconix

  T54E4M030CSS075 Datasheet HTML 1Page - Vishay Siliconix T54E4M030CSS075 Datasheet HTML 2Page - Vishay Siliconix T54E4M030CSS075 Datasheet HTML 3Page - Vishay Siliconix T54E4M030CSS075 Datasheet HTML 4Page - Vishay Siliconix T54E4M030CSS075 Datasheet HTML 5Page - Vishay Siliconix T54E4M030CSS075 Datasheet HTML 6Page - Vishay Siliconix T54E4M030CSS075 Datasheet HTML 7Page - Vishay Siliconix T54E4M030CSS075 Datasheet HTML 8Page - Vishay Siliconix T54E4M030CSS075 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
T54
www.vishay.com
Vishay
Revision: 16-Dec-2022
1
Document Number: 40212
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
vPolyTanTM Polymer Surface-Mount Chip Capacitors,
Low ESR, Leadframeless Molded Type,
Hi-Rel Commercial Off-The-Shelf (COTS)
LINKS TO ADDITIONAL RESOURCES
PERFORMANCE / ELECTRICAL
CHARACTERISTICS
Operating Temperature: -55 °C to +125 °C
(above 105 °C, additional voltage derating is required)
Capacitance Range:
15 μF to 470 μF (discrete capacitors)
30 μF to 2800 μF (stacked capacitors)
Capacitance Tolerance: ± 20 %
Voltage Rating: 16 VDC to 75 VDC
FEATURES
• Ultra low ESR
• High reliability processing including:
- 100 % surge current tested
- Accelerated voltage conditioning
-Thermal shock
- Statistical DC leakage screening at elevated
temperature and voltage, covered by U.S.
patent and worldwide patents pending.
PATENT(S): www.vishay.com/patents/
• High ripple current capability
• Stable capacitance over operating temperature, voltage,
and frequency range
• No wear out effect
• Molded case 7343 EIA size and stacks
The molding compound has been selected to meet the
requirements of UL 94 V-0 and outgassing requirements
of ASTM E-595
• Terminations: 3-sided wraparound. Metallization areas on
the left and right sides of the capacitor are not subject for
inspection
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
APPLICATIONS
• Decoupling, smoothing, filtering
• Switch mode and point of load power supply
• Infrastructure equipment
• Storage and networking
Note
(1) Tape and reel is available for discrete capacitors (T54EE) only. Stacked capacitors (T54Ex) are shipped in formed trays.
Contact factory for stack capacitors packing options
PATENT(S): www.vishay.com/patents
This Vishay product is protected by one or more United States and international patents.
333
DDD3 D
3D Models
Models
Calculators
Available
Available
Available
ORDERING INFORMATION
T54
EE
157
M
030
E (1)
Z
A
075
TYPE
CASE CAPACITANCE CAPACITANCE
DC VOLTAGE
TERMINATION /
RELIABILITY
SURGE
ESR
CODE
TOLERANCE
RATING
PACKAGING
LEVEL
CURRENT
LEVEL
EE, E2,
E3, E4,
E6, 3E,
6E
See
Ratings
and
Case
Codes
tables.
This is
expressed
in picofarads.
The first two
digits are the
significant
figures. The
third is the
number of
zeros to
follow.
M = ± 20 %
This is
expressed
in volts. To
complete the
three-digit
block, zeros
precede
the voltage
rating. A
decimal point
is indicated
by an “R”
(6R3 = 6.3 V)
E = Sn / Pb solder /
7” (178 mm) reel
L = Sn / Pb solder /
7” (178 mm),
½ reel
C = 100 % tin /
7” (178 mm) reel
H = 100 % tin /
7” (178 mm),
½ reel
B = 100 % tin / bulk
in formed tray
V =Sn / Pb solder,
bulk in formed
tray
S = hi-rel std.
(40 h burn-in)
Z = non-
established
reliability
A = 10 cycles at
+25 °C and DCL
screening at elevated
temperature / voltage
B = 10 cycles at
-55 °C / +85 °C and
DCL screening
at elevated
temperature / voltage
S = 6 cycles
at +25 °C and DCL
screening at elevated
temperature / voltage
D = 10 cycles
at +25 °C
E = 10 cycles at
-55 °C / +85 °C
F = 6 cycles at +25 °C
Maximum
100 kHz
ESR
in m
Ω


Similar Part No. - T54E4M030CSS075

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T54EEM016CZA025 VISHAY-T54EEM016CZA025 Datasheet
558Kb / 15P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
05-Oct-17
T54EEM016CZB025 VISHAY-T54EEM016CZB025 Datasheet
558Kb / 15P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
05-Oct-17
T54EEM016CZS025 VISHAY-T54EEM016CZS025 Datasheet
558Kb / 15P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
05-Oct-17
T54EEM016EZA025 VISHAY-T54EEM016EZA025 Datasheet
558Kb / 15P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
05-Oct-17
T54EEM016EZB025 VISHAY-T54EEM016EZB025 Datasheet
558Kb / 15P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
05-Oct-17
More results

Similar Description - T54E4M030CSS075

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T58 VISHAY-T58 Datasheet
558Kb / 16P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
02-Nov-16
T59 VISHAY-T59 Datasheet
556Kb / 15P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
19-Oct-16
T52 VISHAY-T52 Datasheet
552Kb / 15P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
05-Oct-17
T54 VISHAY-T54 Datasheet
558Kb / 15P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
05-Oct-17
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
05-Oct-17
DLA20021 VISHAY-DLA20021_V01 Datasheet
635Kb / 17P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, DLA Approved
29-Jan-2021
T52 VISHAY-T52_V01 Datasheet
672Kb / 19P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
30-Aug-2022
T56 VISHAY-T56_V01 Datasheet
658Kb / 19P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
28-Nov-2022
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
07-Jul-2022
T59 VISHAY-T59_V01 Datasheet
668Kb / 18P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
16-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com