Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T543EM030CSS075 Datasheet(PDF) 21 Page - Vishay Siliconix

Part # T543EM030CSS075
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T543EM030CSS075 Datasheet(HTML) 21 Page - Vishay Siliconix

Back Button T543EM030CSS075 Datasheet HTML 16Page - Vishay Siliconix T543EM030CSS075 Datasheet HTML 17Page - Vishay Siliconix T543EM030CSS075 Datasheet HTML 18Page - Vishay Siliconix T543EM030CSS075 Datasheet HTML 19Page - Vishay Siliconix T543EM030CSS075 Datasheet HTML 20Page - Vishay Siliconix T543EM030CSS075 Datasheet HTML 21Page - Vishay Siliconix T543EM030CSS075 Datasheet HTML 22Page - Vishay Siliconix T543EM030CSS075 Datasheet HTML 23Page - Vishay Siliconix T543EM030CSS075 Datasheet HTML 24Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Polymer Guide
www.vishay.com
Vishay
Revision: 08-Sep-2022
10
Document Number: 40076
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOLDED CAPACITORS, T50 / T51 / T55 / T56 TYPES
LEADFRAMELESS MOLDED CAPACITORS T52 / T58
LEADFRAMELESS MOLDED CAPACITORS T59 / T54 / 20021
PAD DIMENSIONS in millimeters
CASE /
DIMENSIONS
CAPACITOR SIZE
PAD DIMENSIONS
L
W
G (max.)
Z (min.)
X (min.)
Y (Ref.)
J
1.6
0.8
0.7
2.5
1.0
0.9
P
2.0
1.25
0.5
2.6
1.2
1.05
A
3.2
1.6
1.1
3.8
1.5
1.35
T / B
3.5
2.8
1.4
4.1
2.7
1.35
C
5.8
3.2
2.9
6.9
2.7
2.0
Z / V / D
7.3
4.3
4.1
8.2
2.9
2.05
PAD DIMENSIONS in inches [millimeters]
FAMILY
CASE CODE
A (NOM.)
B (MIN.)
C (NOM.)
D (MIN.)
T52
E5
0.094 [2.40]
0.077 [1.95]
0.180 [4.57]
0.333 [8.46]
M1, M9
0.178 [4.52]
0.098 [2.48]
0.138 [3.50]
0.333 [8.46]
B2
0.081 [2.06]
0.057 [1.44]
0.070 [1.77]
0.183 [4.64]
T58
MM
0.024 [0.61]
0.027 [0.70]
0.025 [0.64]
0.080 [2.03]
W0, W9
0.035 [0.89]
0.029 [0.74]
0.041 [1.05]
0.099 [2.52]
A0
0.047 [1.19]
0.042 [1.06]
0.065 [1.65]
0.148 [3.76]
BB
0.094 [2.39]
0.044 [1.11]
0.072 [1.82]
0.159 [4.03]
PAD DIMENSIONS in inches [millimeters]
FAMILY
CASE CODE
A (NOM.)
B (MIN.)
C (NOM.)
D (MIN.)
T59 / T54
EE
0.209 [5.30]
0.098 [2.50]
0.169 [4.30]
0.366 [9.30]
T54
E2 / E3
0.128 [3.24]
0.120 [3.04]
0.154 [3.92]
0.394 [10.0]
E4 / E6
0.301 [7.64]
0.120 [3.04]
0.154 [3.92]
0.394 [10.0]
3E
0.482 [12.24]
0.120 [3.04]
0.154 [3.92]
0.394 [10.0]
6E
0.482 [12.24]
0.120 [3.04]
0.154 [3.92]
0.394 [10.0]
20021
EE
0.209 [5.30]
0.098 [2.50]
0.169 [4.30]
0.366 [9.30]
Capacitor
Pattern
L
Y
Z
G
XW
A
Pads
B
C
D
Capacitor body
A
B
C
D
Pads
Capacitor body



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com