Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1PS59SB21 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 1PS59SB21
Description  Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS59SB21 Datasheet(HTML) 4 Page - NXP Semiconductors

  1PS59SB21 Datasheet HTML 1Page - NXP Semiconductors 1PS59SB21 Datasheet HTML 2Page - NXP Semiconductors 1PS59SB21 Datasheet HTML 3Page - NXP Semiconductors 1PS59SB21 Datasheet HTML 4Page - NXP Semiconductors 1PS59SB21 Datasheet HTML 5Page - NXP Semiconductors 1PS59SB21 Datasheet HTML 6Page - NXP Semiconductors 1PS59SB21 Datasheet HTML 7Page - NXP Semiconductors 1PS59SB21 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 May 05
4
Philips Semiconductors
Product specification
Schottky barrier diode
1PS59SB21
GRAPHICAL DATA
Fig.2
Forward current as a function of forward
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
handbook, halfpage
VF (mV)
IF
(mA)
150
250
350
450
550
103
102
10
10−1
1
MBK575
(1)
(2)
(3)
Fig.3
Reverse current as a function of reverse
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
handbook, halfpage
40
30 V
R (V)
IR
(mA)
0
10
20
1
10−1
10−2
10−3
MBK576
(1)
(2)
(3)
Fig.4
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
40
30
VR (V)
Cd
(pF)
010
20
102
10
1
MBK574



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com