Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

935CSEL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 935CSEL
Description  ELECTRICIANS COMBINATION SQUARE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

935CSEL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  935CSEL Datasheet HTML 1Page - List of Unclassifed Manufacturers 935CSEL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kleintools.com
See our complete line of Measuring Tools
© 2022 Klein Tools, Inc.
Lincolnshire, IL 60069
82779 Rev. 12/22 A
INTEGRATED STAINLESS
STEEL SCRIBER
PRECISION MACHINED
45° AND 90° EDGES
PANEL AND CONDUIT
LAYOUT TEMPLATE
• Durable and lightweight aluminum body with precision machined 45°
and 90° edges can set a miter saw or table saw to the perfect angle
• Ruler provides measurements in 1/8" and 1/16" increments on one
side and the electrical panel schedule and conduit layout template
on the other side for versatility to address different jobs
• Deeply etched markings in the 12" rustproof, stainless-steel ruler
prevent the print from rubbing off
ELECTRICIAN’S COMBINATION SQUARE
Provides precision machined 90 and 45-Degree edges and
is the best tool for conduit layout on an electrical box.
Powerful Rare-Earth magnets firmly hold the ruler to the
body and allow for no-hassle adjustments for any marking
or layout needs. Use the integrated conduit layout
template that is etched into the stainless steel
ruler to quickly find knockout centers in seconds.
Cat. No.
UPC 0-92644-
Description
Vial Angle
Height
Weight
935CSEL
93007-2
Combination Square, 12"
45° and 90°
12" (30.48 cm) .66 lb (.3 kg)
Visit www.kleintools.com for warnings and instructions.
Effortlessly find knockout centers
using the integrated conduit layout template
Large, high visibility
bubble vial window
with reinforced housing
is easy to read
Place EMT and rigid conduit
or conduit adapters in the body
to quickly identify the conduit
diameters to easily plan the
electrical box layout
Integrated stainless steel scriber
marks with pinpoint accuracy
Powerful Rare-Earth magnets
allow for no-hassle quick ruler
adjustments and firmly hold
the ruler to the body



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com