Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  AMD EPYC™ 7003 Processor COM-HPC® Server Size E module with proprietary pinout
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Computer On Modules
Features
Software APIs:
AMD EPYC™ 7003 Processor
COM-HPC® Server Size E module with
proprietary pinout
SOM-E780
ƒ
COM-HPC® Server Size E module with proprietary pinout
ƒ
Up to 64C/225W AMD EYPC™ 7003 real server grade CPU with extreme
performance
ƒ
Up to 512GB large memory size with 4x DDR4 long DIMM
ƒ
79 PCIe Gen4 lanes (14 more than COM-HPC STD)
ƒ
Supports iManager, Embedded Software APIs, WISE-DeviceOn, and IPMB
Specifications
Form Factor
Form Factor
COM-HPC® Size E
Pin-out Type
COM-HPC® Server (Proprietary Pinout)
Processor System
CPU
AMD EPYC 7003
Core Number
Up to 64C/128T
Socket Type
Socket SP3 (LGA 4094)
Platform Controller Hub
SOC
BIOS
AMI UEFI 128Mbit
Memory
Technology
DDR4
Frequency
3200MHz
ECC Support
Yes
Max. Capacity
512GB
Socket
1DPC, 4x RDIMM/LRDIMM sockets
PCI Express
4 PCIe x16, 64 lanes, Gen4 (Bitfurcate to x16, x8, x4)
14 PCIe x1, 14 lanes, Gen4, extra using for KR and RSVD signals (proprietary)
1 PCIe x1, Gen 4 for BMC (COM-HPC standard), total 79 PCIe lanes
Serial Bus
SMBus
1 (SOC or EC)
I2C Bus
1
Ethernet
Gigabit
Intel I225; 10M/100M/1000M/2.5Gbps
I/O
SATA3.0
2 Ports
USB 3.2 Gen1
4 Ports
USB 2.0
4 Ports
SPI Bus
1 port
GPIO
12-bits GPIO
LPC
1
Watchdog
65536 level, 0 ~ 65535 sec
COM Port
2 Ports (2-Wire)
TPM
TPM2.0
Smart Fan
2 Ports: 1 port on COM-HPC® module (4 pins); 1 port on carrier board (3 pins)
Power
Type
ATX: Vin, VSB; AT: Vin
Supply Voltage
Vin: 12V (± 5%); VSB: 5V (± 5%), RTC Battery: 2.0V ~ 3.3V
Power Consumption (Max.)
TBD
Power Consumption (Idle)
TBD
Environment
Temperature
Operating Standard: 0 ~ 60 °C (32 ~ 140 °F)
Storage: 0 ~ 60 °C (32 ~ 140 °F)
Humidity
Operating: 40 °C @ 95% relative humidity, non-condensing
Storage: 60 °C @ 95% relative humidity, non-condensing
Vibration Resistance
3.5G, 5~500Hz X/Y/Z Axis
Mechanical
Dimensions
200 x 160 mm
All product specifications are subject to change without notice.
Last updated: 15-Jun-2022


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-D580 ADVANTECH-SOM-D580 Datasheet
4Mb / 6P
Intel® Xeon® D-2700 Processor (Ice Lake-D HCC) COM-HPC® Server Size D
17-Aug-2022
SOM-DH3000 ADVANTECH-SOM-DH3000 Datasheet
310Kb / 2P
Development Board for COM-HPC Client Pinout Modules
7-Jun-2022
SOM-DH5000 ADVANTECH-SOM-DH5000 Datasheet
305Kb / 2P
Development Board for COM-HPC Server Pinout Modules
26-May-2022
SOM-DH7000 ADVANTECH-SOM-DH7000 Datasheet
483Kb / 2P
Development Board for COM-HPC® Server Proprietary Pinout Modules
21-Jun-2022
ASMB-830 ADVANTECH-ASMB-830 Datasheet
697Kb / 2P
LGA 4094 AMD® EPYC™ 7003 ATX server motherboard
March 29, 2022
SKY-7260S ADVANTECH-SKY-7260S Datasheet
781Kb / 2P
2U High Performance Rackmount Server with AMD EPYC™ 7003 Processor
10-Aug-2022
SKY-8260S ADVANTECH-SKY-8260S Datasheet
862Kb / 2P
Compact 2U Carrier Grade, High Performance Server based on AMD EPYC™ 7003/7002 Series Processors
29-Jul-2022
SKY-8260SV2 ADVANTECH-SKY-8260SV2 Datasheet
996Kb / 2P
Compact 2U Carrier Grade, High Performance Server based on AMD EPYC™ 7003/7002 Series Processors
22-Sep-2022
logo
AAEON Technology
HPC-ADSC.HPC-RPSC AAEON-HPC-ADSC.HPC-RPSC Datasheet
530Kb / 2P
COM HPC Client Size C with 12th/13th Generation Intel® Core™ Platform
2023/04/19
NANOCOM-APL AAEON-NANOCOM-APL Datasheet
585Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel® Atom™/Celeron®/Pentium®Processor
2022/12/02
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com