Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JLLS080 Datasheet(PDF) 1 Page - Littelfuse

Part # JLLS080
Description  600 V ac • Fast-Acting • 1–1200 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

JLLS080 Datasheet(HTML) 1 Page - Littelfuse

  JLLS080 Datasheet HTML 1Page - Littelfuse JLLS080 Datasheet HTML 2Page - Littelfuse JLLS080 Datasheet HTML 3Page - Littelfuse JLLS080 Datasheet HTML 4Page - Littelfuse JLLS080 Datasheet HTML 5Page - Littelfuse JLLS080 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
Class T Fuses
JLLS Series
Littelfuse.com/JLLS
©2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 07/14/2022
Description
The JLLS series fast-acting fuses are the most compact fuses available in ratings above 30 amperes — less than
one-third the size of comparable Class R fuses. The JLLS fuses are used for short-circuit protection of drives and surge-
sensitive components. When rated in accordance with the NEC, these fuses provide fast-acting overload and short-circuit
protection for non-inductive circuits and equipment. Main switches containing JLLS fuses can be used to provide
compact protection for meter stacks. It should be noted that molded case circuit breaker load centers and panelboards
have increased interrupting ratings when “series rated” with Littelfuse Class T fuses. JLLS fuses are available in
non-plated and silver plated terminations.
Features & Benefits
FEATURES
BENEFITS
200,000 AIR
Safety feature providing reliable interruption of all overcurrents
up to 200,000 A
Current-limiting
Reduces damage caused by heating and magnetic effects of short-
circuit currents; extends the equipment’s lifecycle
Fast-acting
Provides fast short-circuit response for equipment requiring fast
overload protection
POWR-GARD® technology
Ensures quality overcurrent protection
Compact size
More efficient use of available space – typical three-pole Class T
fuse blocks require less than 50% of the panel area required for
Class R fuse blocks
Functional protection
When used as input or output fuses for surge-sensitive components,
they can prevent opening of expensive semiconductor fuses that
protect individual components
Applications
• Variable speed drives
• Power conversion devices (inverters, rectifiers, UPS)
• Power supplies and power distribution units
• Compact main switches
• Individual electric services and meters
600 V ac • Fast-Acting • 1–1200 A


Similar Part No. - JLLS080

ManufacturerPart #DatasheetDescription
logo
Littelfuse
JLLS0800X LITTELFUSE-JLLS0800X Datasheet
787Kb / 9P
CLASS T ??JLLN / JLLS SERIES
Rev: 061820
JLLS0800XXL LITTELFUSE-JLLS0800XXL Datasheet
787Kb / 9P
CLASS T ??JLLN / JLLS SERIES
Rev: 061820
JLLS0800XXLS LITTELFUSE-JLLS0800XXLS Datasheet
787Kb / 9P
CLASS T ??JLLN / JLLS SERIES
Rev: 061820
JLLS0800XXLSE LITTELFUSE-JLLS0800XXLSE Datasheet
787Kb / 9P
CLASS T ??JLLN / JLLS SERIES
Rev: 061820
JLLS0800XXP LITTELFUSE-JLLS0800XXP Datasheet
787Kb / 9P
CLASS T ??JLLN / JLLS SERIES
Rev: 061820
More results

Similar Description - JLLS080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW33IH120D STMICROELECTRONICS-STGW33IH120D Datasheet
530Kb / 14P
30 A - 1200 V - very fast IGBT
12-Mar-2008
STGW38IH120D STMICROELECTRONICS-STGW38IH120D Datasheet
516Kb / 14P
30 A - 1200 V - very fast IGBT
14-May-2008
logo
Littelfuse
L15S1 LITTELFUSE-L15S1 Datasheet
890Kb / 9P
Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
logo
Cooper Bussmann, Inc.
KTK-1-10 COOPER-KTK-1-10 Datasheet
54Kb / 1P
LIMITRON짰 Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
logo
List of Unclassifed Man...
KTK-25 ETC2-KTK-25 Datasheet
59Kb / 1P
Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
logo
Cooper Bussmann, Inc.
KTK-2-10 COOPER-KTK-2-10 Datasheet
54Kb / 1P
Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
logo
Littelfuse
JLS LITTELFUSE-JLS_17 Datasheet
330Kb / 3P
600 VAC ??Fast-Acting ??1-600 A
LA060URD32LI1250 LITTELFUSE-LA060URD32LI1250 Datasheet
627Kb / 10P
L15S SERIES TRADITIONAL HIGH-SPEED 150 V ac ? Very Fast-Acting ? 1?1000 A
Rev: 041819
LA120X61 LITTELFUSE-LA120X61 Datasheet
96Kb / 1P
1200 VAC ??Very Fast Acting ??1/2 ??30 Amperes
2005
logo
STMicroelectronics
STGD3NC120H STMICROELECTRONICS-STGD3NC120H Datasheet
899Kb / 13P
7 A, 1200 V very fast IGBT
27-Jun-2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com