Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG55550AV Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # SLG55550AV
Description  USB Host Charger Identification Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG55550AV Datasheet(HTML) 2 Page - Renesas Technology Corp

  SLG55550AV Datasheet HTML 1Page - Renesas Technology Corp SLG55550AV Datasheet HTML 2Page - Renesas Technology Corp SLG55550AV Datasheet HTML 3Page - Renesas Technology Corp SLG55550AV Datasheet HTML 4Page - Renesas Technology Corp SLG55550AV Datasheet HTML 5Page - Renesas Technology Corp SLG55550AV Datasheet HTML 6Page - Renesas Technology Corp SLG55550AV Datasheet HTML 7Page - Renesas Technology Corp SLG55550AV Datasheet HTML 8Page - Renesas Technology Corp SLG55550AV Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
000-000555650-101
Page 2 of 9
SLG55550
SLG55550A
Pin Description
Pin #
Name
Type
Description
1
CB0
Input
Switch Control Bit
See Digital Input States Table on page 6
2
DP
Input/Output
USB Connector D+
3
DM
Input/Output
USB Connector D-
4
GND
GND
Ground
5
RDP
Input
External Resistor Bias Input for D+ and Selection for External Resistors in
RDP and RDM
6
RDM
Input
External Resistor Bias Input for D-
7
VDD
PWR
Power Supply. Connect a 0.1
µF capacitor between VDD and GND as close
as possible to the device
8
TDM
Input/Output
Host USB Transceiver D- Connection
9
TDP
Input/Output
Host USB Transceiver D+ Connection
10
CB1
Input
Switch Control Bit
See Digital Input States Table on page 6
11
Thermal Pad
GND
Ground
Ordering Information
Part Number
Type
SLG55550V
TDFN-10
SLG55550AV
TDFN-10
SLG55550VTR
TDFN-10 - Tape and Reel
SLG55550AVTR
TDFN-10 - Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com