Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG55583AV Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # SLG55583AV
Description  USB Host Charger Identification Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG55583AV Datasheet(HTML) 3 Page - Renesas Technology Corp

  SLG55583AV Datasheet HTML 1Page - Renesas Technology Corp SLG55583AV Datasheet HTML 2Page - Renesas Technology Corp SLG55583AV Datasheet HTML 3Page - Renesas Technology Corp SLG55583AV Datasheet HTML 4Page - Renesas Technology Corp SLG55583AV Datasheet HTML 5Page - Renesas Technology Corp SLG55583AV Datasheet HTML 6Page - Renesas Technology Corp SLG55583AV Datasheet HTML 7Page - Renesas Technology Corp SLG55583AV Datasheet HTML 8Page - Renesas Technology Corp SLG55583AV Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
000-00055583-102
Page 3 of 9
SLG55583
SLG55583A
Absolute Maximum Conditions
Parameter
Min.
Max.
Unit
Supply Voltage
-0.3
6.0
V
Continuous Current into any terminal
-30
+30
mA
Continuous Power Dissipation
--
954
mW
Operating Temperature Range
-40
85
°C
Junction Temperature
150
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10s)
260
°C
Electrical Characteristics - Power Supply
VDD = 4.5V to 5.5V, TA = 25°C (unless specified otherwise)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD
Power Supply Range
VCB > VIH
4.5
5.0
5.5
V
VCB = 0V
4.75
--
5.25
V
IDD
Supply Current
VDD = 5V
CB = LOW, SMART-CDP = X
(autodetect with wakeup)
--
120
140
µA
CB = HIGH, SMART- = LOW
(SDP)
--
20
30
µA
CB = HIGH, SMART- = HIGH
(CDP)
--
40
70
µA
Electrical Characteristics - Analog Switch
VDD = 4.5V to 5.5V, TA = 25°C (unless specified otherwise)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDP, VDM
Analog signal Range
0
--
VDD
V
RON
On Resistance TDP/TDM
Switch
VDD = -0.4V to 0.4V, I = 10mA
--
3.5
--
Ω
VDP = VDM = 0V to VDD
VDD= 5V
--
4.0
7
Ω
∆R
ON
On Resistance Match be-
tween channels TDP/TDM
Switch
VDD = 5.0V
VDP = VDM = 400mV
IDP = IDM = 10mA
--
0.1
--
Ω
RFLAT
On Resistance flatness
TDP/TDM Switch
VDD = 5.0V
VDP = VDM = 0V to VDD
IDP = IDM = 10mA
--
0.5
--
Ω
RSHORT
On Resistance of TDP/TDM
Short
VCB = 0V
VDP = 1V
IDP = IDM = 10mA
--
50
70
Ω
ITDPOFF,
ITDMOFF
Off-Leakage Current
VDD = 3.6V
VDP = VDM = 0.3V to 3.3V
VTDP = VTDM = 3.3V to 0.3V
VCB = 0V
-250
--
250
nA
IDPON,
IDMON
Off-Leakage Current
VDD = 3.6V
VDP = VDM = 3.3V to 0.3V
VCB = VDD
-250
--
250
nA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com