Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPD41 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CPD41
Description  Switching Diode High Current Switching Diode Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD41 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CPD41 Datasheet HTML 1Page - Central Semiconductor Corp CPD41 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
PROCESS
CPD41
Typical Electrical Characteristics
145 Adams Avenue
Hauppauge, NY 11788 USA
Tel: (631) 435-1110
Fax: (631) 435-1824
www.centralsemi.com
R2 (1-August 2002)
Capacitance
0.8
0.82
0.84
0.86
0.88
0.9
0.92
0.94
0.96
0.98
0.1
1
10
100
VR, Reverse Voltage (V)
TA = 25°C
Forward Voltage
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
VF, Forward Voltage (V)
TA = -40°C
TA = 25°C
TA = 125°C
Leakage Current
0.01
0.1
1
10
100
010
20
30
40
50
VR, Reverse Voltage (V)
TA = 25°C
TA = 75°C
TA = 125°C
Forward Dynamic Impedance
0.1
1
10
100
1
10
100
1000
IF, Forward Current (mA)
TA = 25°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com