Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9251VLE Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE9251VLE
Description  High Speed CAN Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9251VLE Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE9251VLE Datasheet HTML 9Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 10Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 11Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 12Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 13Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 14Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 15Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 16Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Datasheet
13
Rev. 1.11
2019-09-19
High Speed CAN Transceiver
TLE9251V
Changing the mode of operation
7
Changing the mode of operation
7.1
Power-up and power-down
The HS CAN transceiver TLE9251V powers up by applying the digital supply VIO to the device (VIO > VIO(U,R)).
After powering up, the device enters one out of three operating modes (see Figure 5 and Figure 6).
Depending on the condition of the transmitter supply voltage VCC and the mode selection pin STB the device
can enter every mode of operation after the power-up:
• VCC is available and STB input is set to “low” - Normal-operating mode
• VCC is disabled and the STB input is set to “low” - Forced-receive-only mode
• STB input is set to “high” - Stand-by mode
The device TLE9251V powers down when the VIO supply falls below the undervoltage detection threshold
(VIO < VIO(U,F)), regardless if the transmitter supply VCC is available or not. The power-down detection is active in
every mode of operation.
Figure 5
Power-up and power-down
Figure 6
Power-up and power-down timings
STB
VCC
VIO
power-down
state
“X”
“X”
“off”
Normal-operating
mode
STB
VCC
VIO
0
“on”
“on”
Forced-
receive-only
mode
STB
VCC
VIO
0
“off”
“on”
Stand-by
mode
STB
VCC
VIO
1
“X”
“on”
VIO “on”
VCC “off”
STB “0”
VIO “on”
VCC “on”
STB “0”
VIO “on”
STB “1”
VIO “off”
VIO “off”
VIO “off”
VIO “off”
“blue” -> indicates the event triggering the
power-up or power-down
“red” -> indicates the condition which is
required to reach a certain operating mode
t
STB
“X” = don’t care
“high” due the internal
pull-up resistor1)
VIO
t
VIO undervoltage monitor
VIO(UV,F)
VIO undervoltage monitor
VIO(UV,R)
transmitter supply voltage VCC = “don’t care”
Power-down state
any mode of operation
Stand-by mode
tPON
hysteresis
VIO(UV,H)
tPOFF
1) assuming no external signal applied
"0" for Normal-operating mode
"1" for Stand-by mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com