Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPD76V Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPD76V
Description  Schottky Diode 1.0A Schottky Diode Chip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD76V Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPD76V Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PROCESS
CPD76V
Schottky Diode
1.0A Schottky Diode Chip
PRINCIPAL DEVICE TYPES
CMLSH1-40
1N5817
1N5818
1N5819
GEOMETRY
PROCESS DETAILS
R0 (8 -April 2005)
Process
EPITAXIAL PLANAR
Die Size
32 x 32 MILS
Die Thickness
7.1 MILS
Anode Bonding Pad Area
26 x 26 MILS
Top Side Metalization
Al - 20,000Å
Back Side Metalization
Au - 12,000Å
145 Adams Avenue
Hauppauge, NY 11788 USA
Tel:
(631) 435-1110
Fax: (631) 435-1824
www.centralsemi.com
GROSS DIE PER 4 INCH WAFER
10,915


Similar Part No. - CPD76V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD76X CENTRAL-CPD76X Datasheet
408Kb / 2P
1 Amp Schottky Diode Chip
CPD76X-1N5817 CENTRAL-CPD76X-1N5817 Datasheet
321Kb / 3P
Schottky Rectifier Die 1.0 Amp, 20 Volt
CPD76X-1N5818 CENTRAL-CPD76X-1N5818 Datasheet
455Kb / 4P
Schottky Rectifier Die 1.0 Amp, 30 Volt
R0 14-September 2016
CPD76X-1N5819 CENTRAL-CPD76X-1N5819 Datasheet
455Kb / 4P
Schottky Rectifier Die 1.0 Amp, 40 Volt
R0 14-September 2016
CPD76X-CMLSH1-40 CENTRAL-CPD76X-CMLSH1-40 Datasheet
456Kb / 4P
Schottky Rectifier Die 1.0 Amp, 40 Volt
R0 14-September 2016
More results

Similar Description - CPD76V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD48 CENTRAL-CPD48 Datasheet
203Kb / 2P
Schottky Diode High Current Schottky Diode Chip
CPD92 CENTRAL-CPD92 Datasheet
178Kb / 2P
Schottky Diode High Voltage Schottky Diode Chip
logo
Won-Top Electronics
1N5817 WTE-1N5817_06 Datasheet
47Kb / 4P
1.0A SCHOTTKY BARRIER DIODE
SB120 WTE-SB120_06 Datasheet
62Kb / 4P
1.0A SCHOTTKY BARRIER DIODE
SR120 WTE-SR120_06 Datasheet
63Kb / 4P
1.0A SCHOTTKY BARRIER DIODE
logo
Central Semiconductor C...
CPD102X CENTRAL-CPD102X Datasheet
717Kb / 2P
Schottky Diode High Voltage Schottky Diode Chip
logo
Zibo Seno Electronic En...
SB120 ZSELEC-SB120 Datasheet
128Kb / 2P
1.0A SCHOTTKY BARRIER DIODE
SR120 ZSELEC-SR120 Datasheet
96Kb / 2P
1.0A SCHOTTKY BARRIER DIODE
MBR120 ZSELEC-MBR120 Datasheet
135Kb / 2P
1.0A SCHOTTKY BARRIER DIODE
MS102 ZSELEC-MS102 Datasheet
135Kb / 2P
1.0A SCHOTTKY BARRIER DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com