Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF174 Datasheet(PDF) 1 Page - Samtec, Inc

Part # RF174
Description  Cable Assemblies
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

RF174 Datasheet(HTML) 1 Page - Samtec, Inc

  RF174 Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
samtec.com/MCX
SERIES
- END1
CONNECTOR
- END2
CONNECTOR
- OVERALLLENGTH
RF174
= RG 174 Cable
RF178
= RG 178 Cable
RF316
= RG 316 Cable, Single Braid Shield
RS316
= RG 316 Cable, Double Shielded
–02SJ1
= MCX Straight Jack
–02RP1
= MCX Right-angle Plug (RS316 not available)
–02SP1
= MCX Straight Plug
–“XXXX”
= Overall Length in
millimeters
–0100 (100 mm) 3.94"
minimum
ALSO AVAILABLE
50 W: MMCX, SMA, SMB, BNC, TNC,
N Type = RF174, RF178, RF316
50 W: MMCX, SMA, BNC, TNC = RS316
50 Ω MCX TO 6 GHz
MCX
Cable Assemblies
RF174, RF178, RF316,
RS316
MCX
Cable Connectors
MCX-CA
MCX
Board Connectors
MCX-TH, MCX-SM,
MCX-EM, MCX-MT
P-C = Cable Plug
J-C = Cable Jack
H or HF = Plating (30 µ" Gold center contact,
3 µ" Gold outer contact)
ST = Straight
RA = Right-angle
CONNECTORS FOR INDUSTRY STANDARD CABLES
MCX-J-C-H-ST-CA1
RG 174/316 Cable
MCX-J-C-H-ST-CA2
RG 178 Cable
MCX-J-C-HF-ST-CA1S
RG 316 Double Shielded Cable
MCX-P-C-H-ST-CA1
RG 174/316 Cable
MCX-P-C-H-ST-CA2
RG 178 Cable
MCX-P-C-HF-ST-CA1S
RG 316 Double Shielded Cable
MCX-P-C-H-RA-CA1
RG 174/316 Cable
MCX-P-C-H-RA-CA2
RG 178 Cable
E
F
(4.80)
.189
DIA
B
(3.70)
.146
DIA
(3.73)
.146
(15.70) .618
(5.00)
.197
SQ
A
–RA
–P–ST
J–ST
TYPE
(-ST)
E
F
–J–CA1 (4.50) .177 (15.50) .610
–J–CA2 (4.78) .188 (15.00) .591
–J–CA1S (4.50) .177 (15.50) .610
TYPE
(-RA)
A
B
–P–CA1 (7.78) .306 (9.50) .374
–P–CA2 (8.58) .338 (10.00) .394
MCX
- GENDER - TYPE - PLATING - ORIENTATION - TERMINATION
–J
= Jack
–P
= Plug
–P
= PCB
Mount
–H
= 30 µ" (0.76 µm) Gold
center contact,
3 µ" (0.08 µm) Gold
outer contact
–ST
= Straight
–RA
= Right-angle
–TH1
= Through-hole
(–ST plug not available)
–TH2
= Elevated Through-hole
(–ST plug only)
–SM1
= Surface Mount
(Jack only)
–EM1
= Edge Mount
(–ST Jack only)
–MT1
= Mixed Technology
(–ST Jack only)
Cable Mates:
RF174, RF178, RF316, RS316,
GRF1H-C, IJ5H
Supplied with pins and ferrules.
See website for dimensions.
(4.50)
.177
DIA
(5.88)
.231
(3.45)
.136
DIA
(6.00)
.236
(6.00)
.236
(9.50)
.374
(10.60) .417
(3.76)
.148
DIA
(6.50)
.256
–ST–SM1
(Jack)
–RA–TH1
(Plug)
F-221


Similar Part No. - RF174

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
RF174 SAMTEC-RF174 Datasheet
156Kb / 1P
Cable Assemblies
Rev 01MAY21
RF174-01BJ1-01BJ1-0100 SAMTEC-RF174-01BJ1-01BJ1-0100 Datasheet
1Mb / 7P
RF316 OR RF-174 CABLE ASSEMBLY
09-10-2010
RF174-01BJ1-01BR1-0100 SAMTEC-RF174-01BJ1-01BR1-0100 Datasheet
1Mb / 7P
RF316 OR RF-174 CABLE ASSEMBLY
09-10-2010
RF174-01BJ1-01RP1-0100 SAMTEC-RF174-01BJ1-01RP1-0100 Datasheet
1Mb / 7P
RF316 OR RF-174 CABLE ASSEMBLY
09-10-2010
RF174-01BJ1-01SP1-0100 SAMTEC-RF174-01BJ1-01SP1-0100 Datasheet
1Mb / 7P
RF316 OR RF-174 CABLE ASSEMBLY
09-10-2010
More results

Similar Description - RF174

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106284-0001 MOLEX-106284-0001 Datasheet
832Kb / 2P
CXP Optical Cable Assemblies
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
Cable Assemblies
logo
ERNI Electronics
839000 ERNI-839000 Datasheet
49Kb / 2P
Flat Cable Assemblies
logo
Pasternack Enterprises,...
PE3VNA1802 PASTERNACK-PE3VNA1802 Datasheet
443Kb / 5P
RF Cable Assemblies
logo
Pulse A Technitrol Comp...
NMOKHFCX PULSE-NMOKHFCX Datasheet
1Mb / 4P
CABLE ASSEMBLIES/MOUNTS
logo
Pasternack Enterprises,...
PE34573-36 PASTERNACK-PE34573-36 Datasheet
369Kb / 4P
RF Cable Assemblies
logo
TE Connectivity Ltd
1-1773903-6 TEC-1-1773903-6 Datasheet
773Kb / 15P
Sliver Cable Assemblies
logo
Amphenol Corporation
NDCCGF-0006 AMPHENOL-NDCCGF-0006 Datasheet
253Kb / 2P
SFP28 Cable Assemblies
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
Cable Assemblies
Rev 22FEB22
MMCX SAMTEC-MMCX Datasheet
156Kb / 1P
Cable Assemblies
Rev 01MAY21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com