Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS1302 Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # WCS1302
Description  Hall Effect Base Current Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCS1302 Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  WCS1302 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCS1302 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCS1302 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCS1302 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WCS1301,1302,1303,1304
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2015/2/6
Function Block:
Electrical Characteristics:
(T=+25
˚C, Vdd=5.0V )
Characteristic
Symbol Test Conditions
Min
Typ Max Units
Supply Voltage
Vdd
─
2.6
─
18
V
Supply Current
Isupply
IP =0 A
─
2.0
5.0
mA
Vout Saturation Voltage
Vsat
IP> =Iop, Isink=10 mA
─
0.2
0.6
V
Output Leakage Current
Ileakage
Vdd=5V, IP < Irp
─
<0.1
10
uA
Primary Conductor Resistance
Rprimary IP= ± 5 A
─
8.3
─
m
Ω
Bandwidth
BW
-
10
-
kHz
Output Rise Time
Tr
IP<Irp,
RL=2K
Ω CL=20pf
-
1.0
10
us
Output Falling Time
Tf
IP>Iop,
RL=2K
Ω CL=20pf
-
0.3
1.5
us
All output-voltage measurements are made with a voltmeter having an input impedance of at least 100kΩ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com