Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS2800 Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # WCS2800
Description  Hall Effect Base Linear Current Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WCS2800 Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  WCS2800 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WCS2800 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WCS2800 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WCS2800 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WCS2800 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WCS2800
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2017/4/19
Page 3
Electrical Characteristics:
(T=+25˚C, Vdd=5.0V )
Characteristic
Symbol
Test Conditions Min
Typ
Max Units
Supply Voltage
Vdd
─
3.0
─
12
V
Supply Current
Isupply
IP =0 A
─
3.5
6.0
mA
Zero Current Vout
V0G
IP =0 A(DC Mode)
2.3
2.5
2.7
V
Conductor Through Hole
─
─
─
14X10
─
mm²
Sensitivity
Sens
IP= +-10 A
56
66
76
mV/A
Bandwidth
BW
─
-
23
-
kHz
Measurable Current Range
─
Vdd=5V (DC Mode)
-
±35
-
A
Vdd=5V (AC RMS )
-
25
-
Temperature Drift
△Vout
Ip =0 A
-
±1.0
-
mV/℃
1. All output-
voltage measurements are made with a voltmeter having an input impedance of at least 100kΩ
2. Do not apply any ‘resistor load’ on output pin, it will degrade IC’s performance
Characteristic Diagrams:
0
0.02
0.04
0.06
0.08
0.1
0.12
3
4
5
6
7
8
9
10 11 12
Supply Voltage--Vdd(V)
WCS2800 Sensitivity V.S Supply Voltage
0
0.02
0.04
0.06
0.08
0.1
0.12
3 3.2 3.4 3.6 3.8 4 4.2 4.4 4.6 4.8 5
Supply Voltage--Vdd(V)
WCS2800 Sensitivity V.S Supply Voltage
y = 0.067x + 2.5142
R² = 0.9975
0
1
2
3
4
5
-50 -40 -30 -20 -10 0 10 20 30 40 50
Primary Current--IP(A)
WCS2800 Vout V.S IP with Vdd 5V
y = 0.0534x + 1.6488
R² = 0.9965
0
0.5
1
1.5
2
2.5
3
3.5
-40 -30 -20 -10
0
10
20
30
40
Primary Current--IP(A)
WCS2800 Vout V.S IP with Vdd 3.3V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com