Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSH136 Datasheet(PDF) 4 Page - DIWELL Electronics Co., Ltd.

Part # WSH136
Description  Linear Hall Effect Sensor IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WSH136 Datasheet(HTML) 4 Page - DIWELL Electronics Co., Ltd.

  WSH136 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WSH136 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WSH136 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WSH136 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WSH136 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
WSH136
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2017/12/22
Page 4
Electrical Characteristic Diagram:
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
ratio 0.823
0.881
0.925
0.962
0.983
0.995
1.000
1.000
0.989
0.976
0.959
0.933
0.906
0.882
0.849
0.810
0.772
0.737
0.000
0.200
0.400
0.600
0.800
1.000
1.200
˚C
WSH136 Sensitivity standardization of 30℃ VS. Temperature
y = 0.0028x + 2.485
R²= 0.9997
0.000
1.000
2.000
3.000
4.000
5.000
6.000
-1200
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
1200
V
G
WSH136 Vout vs. Magnetic Field with Vdd 5V
N
S
y = 0.0024x + 1.7022
R²= 0.9985
0.000
0.500
1.000
1.500
2.000
2.500
3.000
3.500
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
1200
V
G
WSH136 Vout vs. Magnetic Field with Vdd 3.3V
N
S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com