Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSH137 Datasheet(PDF) 4 Page - DIWELL Electronics Co., Ltd.

Part # WSH137
Description  Linear Hall Effect Sensor IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

WSH137 Datasheet(HTML) 4 Page - DIWELL Electronics Co., Ltd.

  WSH137 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. WSH137 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. WSH137 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. WSH137 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. WSH137 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
WSH137
Winson reserves the right to make changes to improve reliability or manufacturability.
© Winson, 2017/12/22
Page 4
Characteristics Diagram:
y = 0.004x + 2.5363
R²= 0.9993
0.000
1.000
2.000
3.000
4.000
5.000
6.000
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
V
G
WSH137 Vout vs. Magnetic field with Vdd 5V
N
S
y = 0.0033x + 1.7037
R²= 0.9988
0.000
0.500
1.000
1.500
2.000
2.500
3.000
3.500
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
V
G
WSH137 Vout vs. Magnetic field with Vdd 3.3V
N
S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com