Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

225EDLC-R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 225EDLC-R
Description  Ruggedized Electrical Double Layer Energy Storage Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

225EDLC-R Datasheet(HTML) 2 Page - Vishay Siliconix

  225EDLC-R_V01 Datasheet HTML 1Page - Vishay Siliconix 225EDLC-R_V01 Datasheet HTML 2Page - Vishay Siliconix 225EDLC-R_V01 Datasheet HTML 3Page - Vishay Siliconix 225EDLC-R_V01 Datasheet HTML 4Page - Vishay Siliconix 225EDLC-R_V01 Datasheet HTML 5Page - Vishay Siliconix 225EDLC-R_V01 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
225 EDLC-R ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 06-Apr-2022
2
Document Number: 28449
For technical questions, contact: energystorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Preferred case size
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig. 2 - Form CA / TRAY: long leads
Fig. 3 - Form TFA: taped in box (ammopack)
Table 1
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR (F)
UR (V) = 2.7 V
5
10 x 20
7
10 x 25
8
12.5 x 20
10
10 x 30
12
12.5 x 25
15
12.5 x 30
20
16 x 20
22
12.5 x 40
25
16 x 25; 18 x 20
30
18 x 25
35
16 x 31
40
18 x 31 (1)
50
18 x 35
60
18 x 40
100
20 x 40
Ø D
L
F
Ø d
5
min.
15
min.
DIMENSIONS in millimeters, MASS, AND PACKAGING QUANTITIES
NOMINAL CASE SIZE
Ø D x L
CASE
CODE
Ø d
Ø Dmax.
Lmax.
F
MASS
(g)
PACKAGING QUANTITIES
FORM CA
FORM TFA
FORM TRAY
10 x 20
16
0.6
10.5
22
5.0 ± 0.5
≈ 2.2
500
800
-
10 x 25
16L
0.6
10.5
27
5.0 ± 0.5
≈ 3.0
500
800
-
10 x 30
16LL
0.8
10.5
32
5.0 ± 0.5
≈ 3.5
500
800
-
12.5 x 20
17
0.6
13.0
22
5.0 ± 0.5
≈ 4.0
500
500
-
12.5 x 25
18
0.6
13.0
27
5.0 ± 0.5
≈ 5.0
250
500
-
12.5 x 30
18L
0.8
13.0
33.5
5.0 ± 0.5
≈ 5.5
250
500
-
12.5 x 40
18LL
0.8
13.0
42.5
5.0 ± 0.5
≈ 7.0
250
500
-
16 x 20
19a
0.8
16.5
22
7.5 ± 0.5
≈ 6.0
250
250
200
16 x 25
19
0.8
16.5
27
7.5 ± 0.5
≈ 8.0
250
250
200
18 x 20
1820
0.8
18.5
22
7.5 ± 0.5
≈ 7.0
100
250
200
18 x 25
1825
0.8
18.5
27
7.5 ± 0.5
≈ 10.0
100
250
200
16 x 31
20
0.8
16.5
33.5
7.5 ± 0.5
≈ 9.0
100
250
200
18 x 31
1831
0.8
18.5
33.5
7.5 ± 0.5
≈ 12.5
100
250
200
18 x 35
22
0.8
18.5
37.5
7.5 ± 0.5
≈ 14.5
100
250
200
18 x 40
1840
0.8
18.5
42.5
7.5 ± 0.5
≈ 16.5
100
-
150
20 x 40
2040
1.0
20.5
43.5
7.5 ± 0.5
≈ 20.0
100
-
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com