Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABS2MS Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # ABS2MS
Description  Surface Mount Glass Passivated Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ABS2MS Datasheet(HTML) 4 Page - Pan Jit International Inc.

  ABS2MS Datasheet HTML 1Page - Pan Jit International Inc. ABS2MS Datasheet HTML 2Page - Pan Jit International Inc. ABS2MS Datasheet HTML 3Page - Pan Jit International Inc. ABS2MS Datasheet HTML 4Page - Pan Jit International Inc. ABS2MS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
July 05,2021
ABS2MS-REV.02
Page 4
Part No. Packing Code Version
Packaging Information & Mounting Pad Layout
ABS Dimension
Unit: inch(mm)
ABS Pad Layout
Unit: inch(mm)
Part No. Packing Code
Package Type
Packing Type
Marking
ABS2MS_R2_00101
ABS
4K pcs / 13” reel
ABS2MS
0.157
(4.00)
0.039
(1.0)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com