Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

663-009-264-059 Datasheet(PDF) 2 Page - EDAC, All Rights Reserved.

Part # 663-009-264-059
Description  663 Series D-Sub Connectors | .109"(2.77mm) Contact Spacing x .112"(2.84mm) Row Spacing | Plug over Receptacle | Dual Port | Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

663-009-264-059 Datasheet(HTML) 2 Page - EDAC, All Rights Reserved.

  663-009-264-059 Datasheet HTML 1Page - EDAC, All Rights Reserved. 663-009-264-059 Datasheet HTML 2Page - EDAC, All Rights Reserved. 663-009-264-059 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.edac.net
customerservice@edac.net
D-Sub Connectors: Dual Port, Right Angle
661/662/663/664 SERIES
RECEPTACLE/RECEPTACLE 662 SERIES
1.511 (38.38)
1.534
1.852
(47.04)
(38.96)
(53.04)
25
2.088
2.182
2.729
37
2.500
(69.32)
(63.50)
(54.84)
(55.42) 2.159
.666
.994
Inch
1.213
1.543
Inch
9
15
NUMBER OF
CONTACTS
.984
1.312
Inch
(30.81)
(39.19)
(mm)
A±0.38
(24.99)
(33.32)
(mm)
B±0.25
RECEPTACLE
(16.33)
(24.66)
(mm)
(16.92)
(25.25)
C±0.13
PLUG
(mm)
.643
.971
D±0.13
Inch
E±0.25
F±0.38
.625
.900
.750
Inch
1.119
(15.88)
(19.05)
(22.86)
1.244
1.394
(mm)
Inch
(28.43)
(31.60)
(35.41)
(mm)
PLUG/PLUG 661 SERIES
6.00±0.25
11
14 15
7
8
12
4
13
6
5
9
1
10
3
2
11
14 15
7
8
12
4
13
6
5
9
1
10
3
2
B
A
2.770
C
2.770
RECOMMENDED P.C.B LAYOUT
P.C.B EDGE
5.80±0.25
4-Ø3.20
B
Ø1.10
2.77
2.77
FOR ALL SERIES
B
A
2.770
D
2.770
9
10
11
12
13
14
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
2
3
4
5
6
7
8
FOR ALL SERIES
FOR ALL SERIES
VERTICAL
SPACING
CTR TO CTR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com