Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS55DZ Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CS55DZ
Description  SILICON CONTROLLED RECTIFIER 0.8 AMPS, 200 AND 400 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS55DZ Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CS55DZ Datasheet HTML 1Page - Central Semiconductor Corp CS55DZ Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(SEE REVERSE SIDE)
R1
CS55BZ
CS55DZ
SILICON CONTROLLED RECTIFIER
0.8 AMPS, 200 AND 400 VOLTS
TO-92 CASE
DATA SHEET
DESCRIPTION
The CENTRAL SEMICONDUCTOR CS55BZ series type are epoxy molded silicon controlled rectifiers designed
for applications requiring extremely low gate sensitivity.
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
SYMBOL
CS55BZ
CS55DZ
UNITS
Peak Repetitive Off-State Voltage
VDRM,VRRM
200
400
V
RMS On-State Current (TC=60oC)
IT(RMS)
0.8
A
Peak One Cycle Surge (t=10ms)
ITSM
10
A
I2t Value for Fusing (t=10ms)
I2t
0.24
A2s
Peak Gate Power (tp=10
µs)
PGM
2.0
W
Average Gate Power Dissipation
PG(AV)
0.1
W
Peak Gate Current (tp=10
µs)
IGM
1.0
A
Peak Gate Voltage (tp=10
µs)
VGM
8.0
V
Storage Temperature
Tstg
-40 to +125
°C
Junction Temperature
TJ
-40 to +125
°C
Thermal Resistance
ΘJA
200
°C/W
Thermal Resistance
ΘJC
100
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM,IRRM
Rated VDRM,VRRM, RGK=1KΩ
1.00
µA
IDRM,IRRM
Rated VDRM,VRRM, RGK=1KΩ, TC=125°C
100
µA
IGT
VD=12V
20
µA
IH
RGK=1KΩ
5.00
mA
VGT
VD=12V
0.8
V
VTM
ITM=1.0A
1.70
V
dv/dt
VD=.67 x VDRM, RGK=1KΩ, TC=125°C
25
V/
µs


Similar Part No. - CS55DZ

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS55DZ CENTRAL-CS55DZ Datasheet
130Kb / 2P
SILICON CONTROLLED RECTIFIER
More results

Similar Description - CS55DZ

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS55B CENTRAL-CS55B Datasheet
125Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMPS, 200 AND 400 VOLTS
CS65-70B CENTRAL-CS65-70B Datasheet
80Kb / 2P
SILICON CONTROLLED RECTIFIER 70 AMPS RMS, 200 THRU 1200 VOLTS
CS92B CENTRAL-CS92B Datasheet
71Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMP, 200 THRU 800 VOLTS
logo
Solid States Devices, I...
SFS2326 SSDI-SFS2326 Datasheet
112Kb / 2P
1.6 AMPS 200 - 400 VOLTS SILICON CONTROLLED RECTIFIER
SFS1826 SSDI-SFS1826 Datasheet
108Kb / 2P
1.6 AMPS 200 ??400 VOLTS SILICON CONTROLLED RECTIFIER
SFS2510 SSDI-SFS2510 Datasheet
142Kb / 2P
25 AMPS 100 ??400 VOLTS FAST SWITCHING SILICON CONTROLLED RECTIFIER
SFS884 SSDI-SFS884 Datasheet
146Kb / 2P
20 AMPS 15 - 200 VOLTS SILICON CONTROLLED RECTIFIER
logo
Central Semiconductor C...
2N2322 CENTRAL-2N2322 Datasheet
138Kb / 2P
SILICON CONTROLLED RECTIFIER 1.6 AMPS, 25 THRU 400 VOLTS
2N5060 CENTRAL-2N5060 Datasheet
76Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMP, 30 THRU 200 VOLTS
logo
Micro Commercial Compon...
MCR100-6 MCC-MCR100-6 Datasheet
323Kb / 3P
0.8 Ampere Silicon Controlled Rectifiers 400 thru 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com