Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS92-2M Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CS92-2M
Description  SILICON CONTROLLED RECTIFIER 2.0 AMP, 600 THRU 800 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS92-2M Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CS92-2M Datasheet HTML 1Page - Central Semiconductor Corp CS92-2M Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS92-2M
CS92-2N*
SILICON CONTROLLED RECTIFIER
2.0 AMP, 600 THRU 800 VOLTS
TO-92 CASE
Central
Semiconductor Corp.
TM
R0 (22-April 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CS92-2M
and CS92-2N are epoxy molded Silicon
Controlled Rectifiers designed for sensing circuit
applications and control systems.
MARKING CODE: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
CS92-2M
CS92-2N*
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
600
800
V
RMS On-State Current (TC=60°C)
IT(RMS)
2.0
A
Peak One Cycle Surge (t=10ms)
ITSM
10
A
I2t Value for Fusing (t=10ms)
I2t
0.24
A2s
Peak Gate Power (tp=10µs)
PGM
2.0
W
Average Gate Power Dissipation
PG (AV)
0.1
W
Peak Gate Current (tp=10µs)
IGM
1.0
A
Peak Gate Voltage (tp=10µs)
VGM
8.0
V
Storage Temperature
Tstg
-40 to +150
°C
Junction Temperature
TJ
-40 to +125
°C
Thermal Resistance
ΘJA
200
°C/W
Thermal Resistance
ΘJC
100
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM
Rated VDRM, VRRM, RGK=1KΩ
10
µA
IDRM, IRRM
Rated VDRM, VRRM, RGK=1KΩ, TC=125°C
100
µA
IGT
VD=12V
20
200
µA
IH
IT=100mA, RGK=1KΩ
2.0
mA
VGT
VD=12V
0.8
V
VTM
ITM=4.0A, tp=380µs
1.4
1.7
V
dv/dt
VD=2/3 VDRM, RGK=1KΩ, TC=125°C
10
V/µs
* Available on request. Please consult factory.


Similar Part No. - CS92-2M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS9201 ONSEMI-CS9201 Datasheet
62Kb / 8P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
CS9201 ONSEMI-CS9201 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS9201YDF8 ONSEMI-CS9201YDF8 Datasheet
62Kb / 8P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
CS9201YDFR8 ONSEMI-CS9201YDFR8 Datasheet
62Kb / 8P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with NOCAP
November, 2001 ??Rev. 13
CS9202 ONSEMI-CS9202 Datasheet
61Kb / 6P
Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
May, 2004 ??Rev. 12
More results

Similar Description - CS92-2M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQ223-2M CENTRAL-CQ223-2M Datasheet
73Kb / 2P
2.0 AMP TRIAC 600 THRU 800 VOLTS
CS223-2M CENTRAL-CS223-2M Datasheet
72Kb / 2P
2.0 AMP SCR 600 THRU 800 VOLTS
CSDD-25M CENTRAL-CSDD-25M Datasheet
71Kb / 2P
SILICON CONTROLLED RECTIFIER 25 AMP, 600 THRU 800 VOLTS
CQ89-2M CENTRAL-CQ89-2M Datasheet
75Kb / 2P
2.0 AMP TRIAC 600 THRU 800 VOLTS
CQ92-2M CENTRAL-CQ92-2M Datasheet
74Kb / 2P
TRIAC 2.0 AMP, 600 THRU 800 VOLTS
CS220-35M CENTRAL-CS220-35M Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIER 35 AMP, 600 THRU 800 VOLTS
CSDD-8M CENTRAL-CSDD-8M Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIER 8.0 AMP, 600 THRU 800 VOLTS
CSDD-12M CENTRAL-CSDD-12M Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIER 12 AMP, 600 THRU 800 VOLTS
CSDD-16M CENTRAL-CSDD-16M Datasheet
73Kb / 2P
SILICON CONTROLLED RECTIFIER 16 AMP, 600 THRU 800 VOLTS
CSDD-25M CENTRAL-CSDD-25M_10 Datasheet
404Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER 25 AMP, 600 THRU 800 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com