Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS8-SERIES Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # JS8-SERIES
Description  JS8 Series SINGLE PORT RJ45, TAB DOWN RIGHT ANGLE SMT MOUNT, SHIELDED WITH EMI
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

JS8-SERIES Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  JS8-SERIES Datasheet HTML 1Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
JS8 SERIES
MODULAR JACK CONNECTORS: SINGLE PORT RJ45, TAB DOWN RIGHT ANGLE
SMT MOUNT, SHIELDED WITH EMI
Features:
www.edac.net
Specifications:
Ordering Code:
Top performance for high speed networking, voice and data applications
Meet FCC PART 68, Subpart F requirements
Advanced EMI/RFI protection with grounding options (PCB or panel)
Available in Tab-down
Applications: Telecommunications, Broadcast, Data Products
RoHS Compliant
Insulator Material
LCP or Nylon
Contact Material
Phosphor Bronze
Contact Plating
Gold Plating on contact area and Tin Plating on tails with Nickel underplating all over
Current Rating
1.5 amps @25°C
Voltage Rating
125 V AC
Contact Resistance
20 milliohms maximum
Dielectric Withstanding Voltage
1000 V AC
Insulation Resistance
500 megaohms minimum
Durability
750 cycles minimum
Operating Temperature
-40°C to +85°C
Wave Soldering Process
260°C ± 5°C, 5~10 Seconds
customerservice@edac.net
SERIES:
RJ MODULAR JACK
NO. OF PORTS:
01 - 1 PORT
NO. OF CONTACTS PER PORT:
88 - 8P8C
CONTACT PLATING:
2 - GOLD FLASH
3 - 15 MICROINCHES OF GOLD
6 - 30 MICROINCHES OF GOLD
9 - 50 MICROINCHES OF GOLD
PORT TYPE:
0 - SINGLE ROW (TAB DOWN)
SHIELDING:
2 - METAL SHIELD WITH EMI
CONTACT TAIL TYPE:
4 - RIGHT ANGLE SURFACE MOUNT
EXAMPLE PART NUMBER:
HOUSING MATERIAL:
N - NYLON
L - LCP
MOUNTING OPTIONS:
2 - PEGS
HOUSING TYPE:
S8-
Code: S8
LEFT LED COLOR:
0 - NO LED
RIGHT LED COLOR:
0 - NO LED
JS8018824N00202


Similar Part No. - JS8-SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JS80-22-150-X530 ETC-JS80-22-150-X530 Datasheet
1Mb / 17P
Floating Joint
JS80-22-150S-X530 ETC-JS80-22-150S-X530 Datasheet
1Mb / 17P
Floating Joint
logo
Molex Electronics Ltd.
JS800-001 MOLEX11-JS800-001 Datasheet
23Kb / 1P
J5800-001 INSERTION TOOL PRODUCT SPECIFICATION
logo
Bel Fuse Inc.
JS800-R BEL-JS800-R Datasheet
478Kb / 2P
Time-lag Fuse Series
logo
EDAC, All Rights Reserv...
JS8018824L00202 EDAC-JS8018824L00202 Datasheet
88Kb / 1P
JS8 Series,SINGLE PORT RJ45, TAB DOWN RIGHT ANGLE SMT MOUNT, SHIELDED WITH EMI
More results

Similar Description - JS8-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
J9Q-SERIES EDAC-J9Q-SERIES Datasheet
180Kb / 1P
SINGLE PORT RJ45, TAB DOWN RIGHT ANGLE PCB MOUNT, SHIELDED WITH ‘REVERSED’ EMI, 6.35mm FOOTPRINT
JS8018894N00202 EDAC-JS8018894N00202 Datasheet
88Kb / 1P
JS8 Series,SINGLE PORT RJ45, TAB DOWN RIGHT ANGLE SMT MOUNT, SHIELDED WITH EMI
J9P018822N16202 EDAC-J9P018822N16202 Datasheet
90Kb / 1P
J9P Series,SINGLE PORT RJ45 WITH OPTIONAL LEDS, TAB DOWN RIGHT ANGLE PCB MOUNT, SHIELDED WITH EMI
JS8018824L00202 EDAC-JS8018824L00202 Datasheet
88Kb / 1P
JS8 Series,SINGLE PORT RJ45, TAB DOWN RIGHT ANGLE SMT MOUNT, SHIELDED WITH EMI
JS8018824N00202 EDAC-JS8018824N00202 Datasheet
88Kb / 1P
JS8 Series,SINGLE PORT RJ45, TAB DOWN RIGHT ANGLE SMT MOUNT, SHIELDED WITH EMI
JS8018834L00202 EDAC-JS8018834L00202 Datasheet
88Kb / 1P
JS8 Series,SINGLE PORT RJ45, TAB DOWN RIGHT ANGLE SMT MOUNT, SHIELDED WITH EMI
JS8018834N00202 EDAC-JS8018834N00202 Datasheet
88Kb / 1P
JS8 Series,SINGLE PORT RJ45, TAB DOWN RIGHT ANGLE SMT MOUNT, SHIELDED WITH EMI
JS8018864L00202 EDAC-JS8018864L00202 Datasheet
88Kb / 1P
JS8 Series,SINGLE PORT RJ45, TAB DOWN RIGHT ANGLE SMT MOUNT, SHIELDED WITH EMI
JS8018864N00202 EDAC-JS8018864N00202 Datasheet
88Kb / 1P
JS8 Series,SINGLE PORT RJ45, TAB DOWN RIGHT ANGLE SMT MOUNT, SHIELDED WITH EMI
JS8018894L00202 EDAC-JS8018894L00202 Datasheet
88Kb / 1P
JS8 Series,SINGLE PORT RJ45, TAB DOWN RIGHT ANGLE SMT MOUNT, SHIELDED WITH EMI
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com