Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS92D Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CS92D
Description  SILICON CONTROLLED RECTIFIER 0.8 AMP, 200 THRU 800 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS92D Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CS92D Datasheet HTML 1Page - Central Semiconductor Corp CS92D Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS92B
CS92D
CS92M
CS92N
SILICON CONTROLLED RECTIFIER
0.8 AMP, 200 THRU 800 VOLTS
TO-92 CASE
Central
Semiconductor Corp.
TM
R3 (22-April 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CS92B
series type is an epoxy molded Silicon Controlled
Rectifier designed for sensing circuit applications
and control systems.
MARKING CODE: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
CS92B
CS92D
CS92M CS92N
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
200
400
600
800
V
RMS On-State Current (TC=90°C)
IT(RMS)
0.8
A
Peak One Cycle Surge (t=10ms)
ITSM
10
A
I2t Value for Fusing (t=10ms)
I2t
0.24
A2s
Peak Gate Power (tp=10µs)
PGM
2.0
W
Average Gate Power Dissipation
PG (AV)
0.1
W
Peak Gate Current (tp=10µs)
IGM
1.0
A
Peak Gate Voltage (tp=10µs)
VGM
8.0
V
Storage Temperature
Tstg
-40 to +150
°C
Junction Temperature
TJ
-40 to +125
°C
Thermal Resistance
ΘJA
200
°C/W
Thermal Resistance
ΘJC
100
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM
Rated VDRM, VRRM, RGK=1KΩ
1.0
µA
IDRM, IRRM
Rated VDRM, VRRM, RGK=1KΩ, TC=125°C
100
µA
IGT
VD=12V
200
µA
IH
IT=100mA, RGK=1KΩ
5.0
mA
VGT
VD=12V
0.8
V
VTM
ITM=1.0A, tp=380µs
1.7
V
dv/dt
VD=2/3 VDRM, RGK=1KΩ, TC=125°C
25
V/µs


Similar Part No. - CS92D

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS92D CENTRAL-CS92D Datasheet
75Kb / 2P
SILICON CONTROLLED RECTIFIER
More results

Similar Description - CS92D

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS220-8B CENTRAL-CS220-8B Datasheet
71Kb / 2P
SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS
CS220-25B CENTRAL-CS220-25B Datasheet
66Kb / 2P
SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS
CSDD-25M CENTRAL-CSDD-25M Datasheet
71Kb / 2P
SILICON CONTROLLED RECTIFIER 25 AMP, 600 THRU 800 VOLTS
CS3-16B CENTRAL-CS3-16B Datasheet
76Kb / 2P
SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS
CS220-10B CENTRAL-CS220-10B Datasheet
111Kb / 2P
SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS
CS220-16B CENTRAL-CS220-16B Datasheet
68Kb / 2P
SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS
CS220-35M CENTRAL-CS220-35M Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIER 35 AMP, 600 THRU 800 VOLTS
CSDD-8M CENTRAL-CSDD-8M Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIER 8.0 AMP, 600 THRU 800 VOLTS
CS39-4B CENTRAL-CS39-4B Datasheet
82Kb / 2P
SILICON CONTROLLED RECTIFIER 4.0 AMP, 200 THRU 800 VOLTS
2N5060 CENTRAL-2N5060 Datasheet
76Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMP, 30 THRU 200 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com