Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

105-059-201-200 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 105-059-201-200
Description  105 Series Contacts | Vertical strip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

105-059-201-200 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  105-059-201-200 Datasheet HTML 1Page - EDAC, All Rights Reserved. 105-059-201-200 Datasheet HTML 2Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
Specifications:
customerservice@edac.net
www.edac.net
Ordering Code Notes:
1) Contact codes 208, 253 are rated for 5 amps current. All other contacts are
rated for 10 amps.
2) Contact codes 208, 253 will mate together, but not with other contacts listed.
3) Pattern schematics are views towards the tip of the contact tails.
4) Consult with EDAC regarding double row staggered patterns for contact
codes 250, 251. Available with up to 60 contacts per row, these patterns have
.125 (3.18) row spacing for use on mother boards that mate with upper and
lower tier daughter boards contacts.
5) All strip lengths up to 60 or 120 contacts (as determined by spacing and
pattern) are available upon request.
6) Contact codes 210 and 258 are available loose only.
Contact Material
Copper Alloy
Contact Plating
Gold Plating over Nickel for entire contact
Current Rating
5 or 10 amps (see ordering code notes)
Contact Resistance
10 milliohms maximum
Insertion and Withdrawal Force
2 to 16 oz (0.56 to 4.45 N) per contact
100/103/105/106 Series
Card Edge Connectors
•
0.100” (2.54mm) or 0.200” (5.08mm) contact spacing for contacts on strips
•
Other spacings accommodated with loose contacts
•
Assemble into 0.062” (1.57mm) nominal thickness P.C. board by staking and/or soldering of contact tails
•
Edacon hermaphroditic contact mating design
•
Card guides, guide pins, guide sockets and polarizing sleeves to ensure correct alignment and mating design
•
Handling and assembly simplified with contacts on strips
•
Designed to mate with 100 series contacts in parallel or perpendicular board configurations
•
RoHS Compliant
103-060-250-100
Series & Pattern
Total Number of Contacts
Contact Code
Spacing Code
Example Part Number:
103/105/106 CONTACTS ON STRIPS
100-290-208
Series
Loose Contact Identification Code
Contact Code
Example Part Number:
100 SERIES LOOSE CONTACTS
Series
Pattern 5
Pattern Descriptions
103
Horizontal
105
Vertical
106
45 Degree
Contact Code 1,2,4
Pattern
Contact Spacing
201, 202, 203
105
.200 (5.08)
208
105
.100 (2.54) or .200 (5.08)
250, 251
103 or 106
.200 (5.08)
253
103 or 106
.100 (2.54) or .200 (5.08)
Total Number of Contacts
Descriptions
002, 003,...060
.200 (5.08)
002, 003,...120
.100 (2.54)
Spacing Code
Contact Spacing
100
.100 (2.54)
200
.200 (5.08)
customerservice@edac.net



















1,2,3,4,6


Similar Part No. - 105-059-201-200

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
105-059-201-200 EDAC-105-059-201-200 Datasheet
69Kb / 1P
105 Series Contacts | Vertical strip
April 8, 2020
More results

Similar Description - 105-059-201-200

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
105-003-208-200 EDAC-105-003-208-200 Datasheet
67Kb / 1P
105 Series Contacts | Vertical strip
08-Apr-2020
105-004-202-200 EDAC-105-004-202-200 Datasheet
68Kb / 1P
105 Series Contacts | Vertical strip
08-Apr-2020
105-005-202-200 EDAC-105-005-202-200 Datasheet
68Kb / 1P
105 Series Contacts | Vertical strip
08-Apr-2020
105-007-202-200 EDAC-105-007-202-200 Datasheet
69Kb / 1P
105 Series Contacts | Vertical strip
April 8, 2020
105-007-203-200 EDAC-105-007-203-200 Datasheet
69Kb / 1P
105 Series Contacts | Vertical strip
April 8, 2020
105-009-201-200 EDAC-105-009-201-200 Datasheet
70Kb / 1P
105 Series Contacts | Vertical strip
April 8, 2020
105-009-208-200 EDAC-105-009-208-200 Datasheet
68Kb / 1P
105 Series Contacts | Vertical strip
April 8, 2020
105-010-201-200 EDAC-105-010-201-200 Datasheet
70Kb / 1P
105 Series Contacts | Vertical strip
April 8, 2020
105-013-202-200 EDAC-105-013-202-200 Datasheet
72Kb / 1P
105 Series Contacts | Vertical strip
08-Apr-2020
105-013-208-100 EDAC-105-013-208-100 Datasheet
70Kb / 1P
105 Series Contacts | Vertical strip
08-Apr-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com