Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COMI-SI-M Datasheet(PDF) 2 Page - Coolgear Inc.

Part # USB-COMI-SI-M
Description  USB to Optical Adapter Industrial Isolated RS-422/485
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB-COMI-SI-M Datasheet(HTML) 2 Page - Coolgear Inc.

  USB-COMI-SI-M Datasheet HTML 1Page - Coolgear Inc. USB-COMI-SI-M Datasheet HTML 2Page - Coolgear Inc. USB-COMI-SI-M Datasheet HTML 3Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
CoolGear, Inc.
5120 110th Ave N
Clearwater, FL 33760
P: +1-727-209-1300
F: +1-727-209-1302
www.coolgear.com
Specifications
Overview
Interface
USB to Serial
Port Connections
1x DB-9 Male / 1 6-wire terminal block
Protections
2000V DC Optical Isolation / 25kv surge protection
Protocol
RS-422/485 Serial
Baud Rate
up to 921.6K bps
Available Power Modes
USB Bus Powered, no external power adapter required
Color
Black
Compliance
TAA
Safety Approvals
EN55022 Class B, EN55024, EN61000-3-2, EN61000-3
IEC 61000-4-2, IEC 61000-4-3, IEC 61000-4-4, IEC 61000-4-5,
IEC 61000-4-6, IEC 61000-4-8, IEC 61000-4-11.
CISPR PUB. 22 and FCC Part 15 Class B.
Physical Features
Construction
SECC Metal
Cable Length
3ft.
Dimensions
72.10(L 81.34 w/ears))x58.13(W)x22.68mm(H)
Weight
.31 lbs
OS Support
Windows 10, 7, Vista, 2003, XP (WHQL certified) and 2000, Linux Kernel 2.4 and up built-in support
Current Certifications
CE, FCC, RoHS
Signals
RS-422 Data Signals
TxD-, TxD+, RxD+, RxD-, GND, RTS-, RTS+, CTS+, CTS-
RS-485 4-Wire Data Signals TxD-, TxD+, RxD+, RxD-
RS-485 2-Wire Data Signals Data-, Data+
Serial COM Parameters
Data Bits
5, 6, 7, 8
Stop Bits
1, 1.5, 2
Parity
None, Even, Odd, Space, Mark
Flow Control
RTS/CTS, XON/XOFF
FIFO
128 byte transmit FIFO / 384 receive FIFO
Environment
Operating Temperature
0 to 55°C (32 to 131 °F)
Operating Humidity
5 to 95% RH
Storage Temperature
-20 to 75°C (-4 to 167 °F)
General Applications
Applications
Data Center, Modem, POS, Printer, BarCode Scanners, Time Clocks – Industrial serial RS-232 protocol
applications
Product URL
USB-COMi-SI-M
product page
https://www.coolgear.com/product/usb-to-optical-isolated-rs-422485-industrial-adapter



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com