Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBG-4U3MLR2-PCBA Datasheet(PDF) 2 Page - Coolgear Inc.

Part # USBG-4U3MLR2-PCBA
Description  4 Port USB 3.2 Gen 1 Powered Hub PCBA w/ ESD Surge Protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USBG-4U3MLR2-PCBA Datasheet(HTML) 2 Page - Coolgear Inc.

  USBG-4U3MLR2-PCBA Datasheet HTML 1Page - Coolgear Inc. USBG-4U3MLR2-PCBA Datasheet HTML 2Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Coolgear, Inc.
5120 110th Ave N
Clearwater, FL 33760 USA
P: +1-727-209-1300
F: +1-727-209-1302
coolgear.com
Specifications Cont.
CONNECTIONS
USB Specification
USB 3.2 Gen 1
Maximum Data Rate
5 Gbps
Downstream Port Count
4
Downstream Port Type
4x Type A USB 3.2 G1 / 3.0
Works as Standalone Charger
Y - Can be used without Host
Can be Bus Powered
Y - Supports Bus Power
Bus Power Isolation
Supports Disabling Bus Power
Y
Power
Input Voltage
7 ~ 48V DC
Power Connector
Phoenix 2-pin
Idle Power Draw
7mA @ 12V Terminal Power, 9.4mA Bus Powered
Max Power Draw
15W
Max Per Port Draw
1.5A (7.5W)
Supported Charge Protocols
Apple Charge 2.4A | BC 1.2
ENVIRONMENTAL
Operating Temperature
0C ~ 70C
Storage Temperature
-20C ~ 75C
Operating Humidity
5% to 95% RH
OS SUPPORT
Supported Operating Systems
OS independent - No software or drivers required
WARRANTY
Warranty Period
1 Year
PRODUCT URL
USBG-4U3MLR2-PCBA
Product Page
https://www.coolgear.com/product/4-port-usb-3-2-gen-1-powered-hub-pcba-w-esd-surge-protection
2
Questions? Visit: coolgear.com/support



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com