Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

627-025-010-059 Datasheet(PDF) 2 Page - EDAC, All Rights Reserved.

Part # 627-025-010-059
Description  627 (Metal) Series D-Sub Connectors | 0.109" (2.77mm) Contact Spacing x 0.112" (2.84mm) Row Spacing | Vertical | Plug | Metal Body
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

627-025-010-059 Datasheet(HTML) 2 Page - EDAC, All Rights Reserved.

  627-025-010-059 Datasheet HTML 1Page - EDAC, All Rights Reserved. 627-025-010-059 Datasheet HTML 2Page - EDAC, All Rights Reserved. 627-025-010-059 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.edac.net
customerservice@edac.net
D-Sub Connectors: Vertical, Metal Body
627/628 SERIES
Contact P/N:
Description:
Wire Gauge (AWG):
627-290-001
On reel
24-28
627-290-001P60
60 pcs/strip
24-28
HIGH PROFILE
RECEPTACLE 628 SERIES HIGH PROFILE
PLUG 627 SERIES HIGH PROFILE
CONTACTS
NUMBER OF
Inch
(mm)
Inch
15
37
25
9
2.729
1.543
1.213
2.088
(69.32)
(39.19)
(53.04)
(30.81)
.984
1.312
2.500
1.852
A±0.38
C±0.13
RECEPTACLE
(mm)
(mm)
Inch
Inch
(63.50)
(33.32)
(24.99)
(47.04) 1.534
.994
.666
2.182
(25.25)
(55.42)
(38.96)
(16.92)
.971
.643
2.159
1.511
PLUG
B±0.25
C±0.13
(mm)
(54.84)
(24.66)
(38.38)
(16.33)
1.385
11
14
15
7
8
12
4
13
6
5
9
1
10
3
2
2-Ø3.20
1.385
RECOMMENDED P.C.B LAYOUT
0.60
2.84
10.80±0.25
Ø3.20±0.1
B
Ø1.10
A
C
B
#4-40
2.77
2.77±0.13
A
C
B
1.385
#4-40
0.60
Ø3.20±0.1
2.84
10.80±0.25
2.77±0.13
FOR PLUG AND RECEPTACLE
STANDARD PROFILE
RECEPTACLE 628 SERIES
PLUG 627 SERIES
CONTACTS
NUMBER OF
Inch
(mm)
Inch
15
37
25
9
2.728
1.541
1.213
2.087
(69.30)
(39.15)
(53.00)
(30.80)
.984
1.312
2.500
1.852
A±0.35
C±0.15
RECEPTACLE
(mm)
(mm)
Inch
Inch
(63.50)
(33.32)
(24.99)
(47.04) 1.534
.994
.666
2.182
(25.25)
(55.42)
(38.96)
(16.92)
.970
.642
2.157
1.512
PLUG
B±0.10
C±0.15
(mm)
(54.80)
(24.65)
(38.40)
(16.30)
50
2.638 (67.00) 2.402 (61.00) 2.079 (52.80) 2.055 (52.20)
6.0±0.35
? 1.05-PIN NUMBER
2.77
? 3.05-2PLC
10°
5.0
5.6 MAX
4.8±0.5
#4-40
C
B
A
4.0 REF
6.00
0.9
(Plug and Receptacle)
6.0±0.35
10°
5.6 MAX
4.8±0.5
#4-40
C
B
A
1
0.9 6.0
4.0
1.6
Recommended PCB Layout
CRIMP TYPE
CRIMP TYPE
A
B
C
1
10°
0.90±0.3
6.0±0.35
4.1
11.0±0.25
1
A
B
C
10°
0.90±0.3
6.0±0.35
4.1
11.0±0.25
B±0.10
STANDARD PROFILE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com