Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL05D Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSL05D
Description  SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSL05D Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSL05D Datasheet HTML 1Page - Central Semiconductor Corp CSL05D Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSL05
CSL05D
SURFACE MOUNT SILICON
ULTRA LOW CAPACITANCE
TRANSIENT VOLTAGE SUPPRESSORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CSL05 (Single)
and CSL05D (Dual) types are ultra low capacitance
transient voltage suppressors packaged in the
SOT-23 surface mount package. These devices
provide excellent protection from spurious voltage
transients. The very low capacitance reduces insertion
loss to minimizes the affect on the data line
through-put. Typical applications include: mobile
phones, digital cameras, USB ports, MP3 players,
and Ethernet port protection.
MARKING CODES: CSL05 (Single):CL05
CSL05D (Dual): CL5D
SOT-23 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Pulse Power, tp=8x20μs
PPK
400
W
Peak Pulse Current, tp=8x20μs
IPP
17
A
ESD Voltage (IEC 61000-4-2, Air)
VESD
25
kV
ESD Voltage (IEC 61000-4-2, Contact)
VESD
25
kV
Operating Junction Temperature
TJ
-50 to +125
°C
Storage Temperature
Tstg
-50 to +150
°C
ELECTRICAL CHARACTERISTICS PER TVS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VRWM=5.0V
5.0
μA
BVR
It=1.0mA
6.0
V
VC
IPP=1.0A, tp=8x20μs
9.5
V
VC
IPP=5.0A, tp=8x20μs
12
V
CJ
VR=0, f=1.0MHz
1.2
pF
R2 (2-April 2015)
www.centr a lsemi.com


Similar Part No. - CSL05D

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSL05D CENTRAL-CSL05D Datasheet
330Kb / 2P
SURFACE MOUNT ULTRA LOW CAPACITANCE SILICON TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - CSL05D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
ULCE EIC-ULCE Datasheet
56Kb / 3P
ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMBJ-LC5.0 EIC-SMBJ-LC5.0 Datasheet
125Kb / 4P
SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CFTVS5V0BULC CENTRAL-CFTVS5V0BULC Datasheet
1Mb / 6P
ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SLCD6.5A SUNMATE-SLCD6.5A Datasheet
607Kb / 4P
SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMBJ-LC5.0A SUNMATE-SMBJ-LC5.0A Datasheet
748Kb / 4P
SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMCJLCE6.5A SUNMATE-SMCJLCE6.5A Datasheet
758Kb / 4P
SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
ULCE6.5A SUNMATE-ULCE6.5A Datasheet
389Kb / 3P
ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Thinki Semiconductor Co...
GBLC03C THINKISEMI-GBLC03C Datasheet
3Mb / 4P
Ultra Low Capacitance Transient Voltage Suppressor Arrays
logo
Rectron Semiconductor
ESD5.0LM9 RECTRON-ESD5.0LM9 Datasheet
125Kb / 3P
Ultra Low Capacitance of Transient Voltage Suppressor
logo
Microsemi Corporation
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com