Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSMS05 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSMS05
Description  SURFACE MOUNT QUAD SILICON TVS/ZENER ARRAY 5 THRU 24 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSMS05 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSMS05 Datasheet HTML 1Page - Central Semiconductor Corp CSMS05 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CSMS05 Series is a
4 Line TVS/Zener Array packaged in the SOT-26 surface
mount case. These devices are designed to protect sensitive
equipment against ESD and prevent latch-up events in
CMOS circuitry operating at 5V, 12V, 15V, and 24V.
FEATURES
Very low Clamping Voltage
Low Leakage Current
350W Power Dissipation
SMD SOT-26 Package
IEC61000-4-2 ESD 20kV air, 15kV Contact Compliance
APPLICATIONS:
PDA’s
Cell Phones
Memory Card Ports
Instrumentation
CSMS05
CSMS12
CSMS15
CSMS24
SURFACE MOUNT
QUAD SILICON TVS/ZENER ARRAY
5 THRU 24 VOLTS
SOT-26 CASE
Central
Semiconductor Corp.
TM
R0 (13-September 2005)
STAND-OFF VOLTAGE
Specified
by
TYPE NO.
Reverse
Stand-Off
Voltage
Reverse
Breakdown
Voltage
Reverse
Leakage
Current
Clamping
Voltage
8 x 20
μμs
Clamping
Voltage
8 x 20
μμs
Off State
Junction
Capacitance
(VR=0V, f=1MHz)
VWRM
MAX
(V)
VBR
MIN
(V)
IBR
(mA)
IR
MAX
(
μμA)
VR
(V)
Vcl
MAX
(V)
IPP
(A)
Vcl
MAX
(V)
IPP
(A)
CJ
MAX
(pF)
CSMS05
5
6.0
1.0
5.0
5
9.5
5.0
13
24
200
CSMS12
12
13.3
1.0
5.0
12
17
5.0
21
24
90
CSMS15
15
16.7
1.0
5.0
15
22
5.0
27
24
70
CSMS24
24
26.7
1.0
5.0
24
35
5.0
40
24
50
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Pulse Power
Ppp
350
W
ESD Voltage (HBM)
VESD
>25
kV
Operating Temperature Range
TJ
-50 to +125
°C
Storage Temperature Range
Tstg
-50 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
MARKING CODES
CSMS05:
CS05
CSMS12:
CS12
CSMS15:
CS15
CSMS24:
CS24


Similar Part No. - CSMS05

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSMS0510D FRONTIER-CSMS0510D Datasheet
175Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0510D100M FRONTIER-CSMS0510D100M Datasheet
175Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0510D150M FRONTIER-CSMS0510D150M Datasheet
175Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0510D1R0N FRONTIER-CSMS0510D1R0N Datasheet
175Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0510D220M FRONTIER-CSMS0510D220M Datasheet
175Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results

Similar Description - CSMS05

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSMF03V3C CENTRAL-CSMF03V3C Datasheet
101Kb / 2P
SURFACE MOUNT 5-LINE SILICON TVS/ZENER ARRAY 3.3 VOLTS THRU 36 VOLTS
CTLSMS05-M622 CENTRAL-CTLSMS05-M622 Datasheet
168Kb / 2P
SURFACE MOUNT TLM SILICON QUAD TVS/ZENER ARRAY 5.0 THRU 24 VOLTS
logo
Diodes Incorporated
DUP412VP5 DIODES-DUP412VP5 Datasheet
92Kb / 4P
QUAD SURFACE MOUNT TVS ARRAY
DS31642 Rev. 6 - 2
DZQA5V6AXV5 DIODES-DZQA5V6AXV5 Datasheet
81Kb / 3P
QUAD SURFACE MOUNT TVS ARRAY
DS31557 Rev. 3 - 2
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMXTVS5V6 CENTRAL-CMXTVS5V6 Datasheet
416Kb / 3P
SURFACE MOUNT SILICON QUAD TVS/ZENER ARRAY
CSMF03V3C CENTRAL-CSMF03V3C Datasheet
466Kb / 3P
SURFACE MOUNT SILICON 5-LINE TVS ZENER ARRAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com