Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

637-044-010-059 Datasheet(PDF) 4 Page - EDAC, All Rights Reserved.

Part # 637-044-010-059
Description  637 Series D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Plug
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

637-044-010-059 Datasheet(HTML) 4 Page - EDAC, All Rights Reserved.

  637-044-010-059 Datasheet HTML 1Page - EDAC, All Rights Reserved. 637-044-010-059 Datasheet HTML 2Page - EDAC, All Rights Reserved. 637-044-010-059 Datasheet HTML 3Page - EDAC, All Rights Reserved. 637-044-010-059 Datasheet HTML 4Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.edac.net
customerservice@edac.net
D-Sub Connectors: Vertical, High Density
637/638 SERIES
10°±1.5°-2
10.9±0.2
3.96±0.1
12.6±0.3
A±0.30
B±0.10
C±0.15
D±0.25
78S=15.4±0.3
1
15S=2.29
26S=2.29
44S=2.29
62S=2.41
78S=2.41
Ø0.7±0.05
2 X #4-40 UNC
PITCH
2.638
78
(67.00)
NUMBER OF
CONTACTS
26
15
62
44
A
Inch
1.543
1.213
(mm)
(39.20)
(30.80)
2.732
2.087
(69.40)
(53.00)
Inch
1.091
.756
2.256
1.618
2.169
2.055
(52.20)
2.406
(61.10)
Inch
.972
.643
2.157
1.512
B
Inch
1.312
.984
(mm)
(33.32)
(24.99)
2.500
1.852
(63.50)
(47.04)
(mm)
(24.70)
(16.34)
(54.80)
(38.40)
(55.10)
(27.70)
(19.20)
(mm)
(57.30)
(41.10)
C
D
RECEPTACLE 638 SERIES
HIGH PROFILE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com