Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2104M Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DGD2104M
Description  HALF-BRIDGE GATE DRIVER IN SO-8
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2104M Datasheet(HTML) 4 Page - Diodes Incorporated

  DGD2104M Datasheet HTML 1Page - Diodes Incorporated DGD2104M Datasheet HTML 2Page - Diodes Incorporated DGD2104M Datasheet HTML 3Page - Diodes Incorporated DGD2104M Datasheet HTML 4Page - Diodes Incorporated DGD2104M Datasheet HTML 5Page - Diodes Incorporated DGD2104M Datasheet HTML 6Page - Diodes Incorporated DGD2104M Datasheet HTML 7Page - Diodes Incorporated DGD2104M Datasheet HTML 8Page - Diodes Incorporated DGD2104M Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DGD2104M
Document Number DS39214 Rev. 5 - 2
4 of 11
www.diodes.com
January 2021
© Diodes Incorporated
DGD2104M
DC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, @TA = +25°C, unless otherwise specified.) (Note 7)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Logic “1” (IN) & Logic “0” (SD*) Input Voltage
VIH
2.5
—
—
V
VCC = 10V to 20V
Logic “0” (IN) & Logic “1” (SD*) Input Voltage
VIL
—
—
0.8
V
VCC = 10V to 20V
High Level Output Voltage, VBIAS - VO
VOH
—
0.05
0.2
V
IO = 2mA
Low Level Output Voltage, VO
VOL
—
0.02
0.1
V
IO = 2mA
Offset Supply Leakage Current
ILK
—
—
50
µA
VB = VS = 600V
Quiescent VBS Supply Current
IBSQ
—
60
100
µA
VIN = 0V or 5V
Quiescent VCC Supply Current
ICCQ1
—
350
500
µA
VIN = 0V or 5V, SD* = 5V
Quiescent VCC Supply Current in Shutdown
ICCQ2
—
590
750
µA
VIN = 0V or 5V, SD* = 0V
Logic “1” Input Bias Current
IIN+
—
3.0
10
µA
VIN = 5V, SD* = 0V
Logic “0” Input Bias Current
IIN-
—
—
5.0
µA
VIN = 0V, SD* = 5V
VCC Supply Undervoltage Positive Going Threshold
VCCUV+
8.0
8.9
9.8
V
—
VCC Supply Undervoltage Negative Going Threshold
VCCUV-
7.4
8.2
9.0
V
—
VBS Supply Undervoltage Positive Going Threshold
VBSUV+
4.5
5.5
6.5
V
—
VBS Supply Undervoltage Negative Going Threshold
VBSUV-
4.2
5.2
6.2
V
—
Output High Short Circuit Pulsed Current
IO+
130
290
—
mA
VO = 0V, PW ≤ 10µs
Output Low Short Circuit Pulsed Current
IO-
270
600
—
mA
VO = 15V, PW ≤ 10µs
Notes:
7. The VIN and IIN parameters are applicable to the two logic pins: IN and SD*. The VO and IO parameters are applicable to the respective output pins:
HO and LO.
AC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, CL = 1000pF, @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Turn-On Propagation Delay
tON
—
680
820
ns
VS = 0V
Turn-Off Propagation Delay
tOFF
—
150
220
ns
VS = 600V
Shutdown Propagation Delay
tSD
—
160
220
ns
—
Delay Matching, HO and LO Turn-On / Turn-Off
tDM
—
—
60
ns
—
Turn-On Rise Time
tR
—
70
170
ns
VS = 0V
Turn-Off Fall Time
tF
—
35
90
ns
VS = 0V
Deadtime: tDT LO-HO & tDT HO-LO
tDT
300
420
650
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com