Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2117 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DGD2117
Description  SINGLE CHANNEL GATE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2117 Datasheet(HTML) 4 Page - Diodes Incorporated

  DGD2117 Datasheet HTML 1Page - Diodes Incorporated DGD2117 Datasheet HTML 2Page - Diodes Incorporated DGD2117 Datasheet HTML 3Page - Diodes Incorporated DGD2117 Datasheet HTML 4Page - Diodes Incorporated DGD2117 Datasheet HTML 5Page - Diodes Incorporated DGD2117 Datasheet HTML 6Page - Diodes Incorporated DGD2117 Datasheet HTML 7Page - Diodes Incorporated DGD2117 Datasheet HTML 8Page - Diodes Incorporated DGD2117 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DGD2117/2118
Document number: DS38312 Rev. 3 - 2
4 of 11
www.diodes.com
November 2019
© Diodes Incorporated
DGD2117/2118
DC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, @TA = +25°C, unless otherwise specified.) (Note 7)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Logic “1” (DGD2117) & Logic “0” (DGD2118) Input
Voltage (Note 8)
VIH
9.5
—
—
V
—
Logic “0” (DGD2117) & Logic “1” (DGD2118) Input
Voltage (Note 8)
VIL
—
—
6.0
V
—
High Level Output Voltage, VBIAS - VO
VOH
—
0.05
0.2
V
IO = 2mA
Low Level Output Voltage, VO
VOL
—
0.02
0.1
V
IO = 2mA
Offset Supply Leakage Current
ILK
—
—
50
µA
VB = VS = 600V
Quiescent VBS Supply Current
IBSQ
—
50
240
µA
VIN = 0V or VCC
Quiescent VCC Supply Current
ICCQ
—
70
340
µA
VIN = 0V or VCC
Logic “1” Input Bias Current
DGD2117
IIN+
—
20
40
µA
VIN = VCC
DGD2118
VIN = 0V
Logic “0” Input Bias Current
DGD2117
IIN-
—
—
5.0
µA
VIN = 0V
DGD2118
VIN = VCC
VBS Supply Under-Voltage Positive Going Threshold
VBSUV+
7.6
8.6
9.6
V
—
VBS Supply Under-Voltage Negative Going Threshold
VBSUV-
7.2
8.2
9.2
V
—
VCC Supply Under-Voltage Positive Going Threshold
VCCUV+
7.6
8.6
9.6
V
—
VCC Supply Under-Voltage Negative Going Threshold
VCCUV-
7.2
8.2
9.2
V
—
Output High Short Circuit Pulsed Current
IO+
200
290
—
mA
VO = 0V, VIN = Logic “1”,
PW ≤ 10µs
Output Low Short Circuit Pulsed Current
IO-
420
600
—
mA
VO = 15V, VIN = Logic “0”,
PW ≤ 10µs
Notes:
7. The VIN and IIN parameters are referenced to COM and are applicable to the logic input pins: IN and IN*. The VO and IO parameters are referenced to
COM and are applicable to the output pin: HO.
8. For optimal operation, it is recommended that the input pulses (IN and IN*) should have a minimum amplitude of 9.5V with a minimum pulse width of
250ns.
AC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, CL = 1000pF, @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Turn-On Propagation Delay
tON
—
125
200
ns
VS = 0V
Turn-Off Propagation Delay
tOFF
—
105
180
ns
VS = 600V
Turn-On Rise Time
tr
—
75
130
ns
—
Turn-Off Fall Time
tf
—
35
65
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com