Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2184MS8-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DGD2184MS8-13
Description  600V HALF BRIDGE GATE DRIVER IN SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2184MS8-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DGD2184MS8-13 Datasheet HTML 1Page - Diodes Incorporated DGD2184MS8-13 Datasheet HTML 2Page - Diodes Incorporated DGD2184MS8-13 Datasheet HTML 3Page - Diodes Incorporated DGD2184MS8-13 Datasheet HTML 4Page - Diodes Incorporated DGD2184MS8-13 Datasheet HTML 5Page - Diodes Incorporated DGD2184MS8-13 Datasheet HTML 6Page - Diodes Incorporated DGD2184MS8-13 Datasheet HTML 7Page - Diodes Incorporated DGD2184MS8-13 Datasheet HTML 8Page - Diodes Incorporated DGD2184MS8-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DGD2184M
Document number: DS40286 Rev. 3 - 2
2 of 12
www.diodes.com
August 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DGD2184M
Pin Diagrams
Pin Descriptions
Pin Number
Pin Name
Function
1
IN
Logic Input for High-Side and Low-Side Gate Driver Outputs (HO and LO), in Phase with HO
2
SD*
Logic Input for Shutdown, Enabled Low
3
COM
Low-Side and Logic Return
4
LO
Low-Side Gate Drive Output
5
VCC
Low-Side and Logic Fixed Supply
6
VS
High-Side Floating Supply Return
7
HO
High-Side Gate Drive Output
8
VB
High-Side Floating Supply
Functional Block Diagram
Top View SO-8 (Type TH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com