Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA232 Datasheet(PDF) 29 Page - Texas Instruments

Part # INA232
Description  INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA232 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA232 Datasheet HTML 24Page - Texas Instruments INA232 Datasheet HTML 25Page - Texas Instruments INA232 Datasheet HTML 26Page - Texas Instruments INA232 Datasheet HTML 27Page - Texas Instruments INA232 Datasheet HTML 28Page - Texas Instruments INA232 Datasheet HTML 29Page - Texas Instruments INA232 Datasheet HTML 30Page - Texas Instruments INA232 Datasheet HTML 31Page - Texas Instruments INA232 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
8.0 mΩ, which give a shunt voltage limit of 72 mV. Once the shunt voltage limit is known, the value for the shunt
over voltage limit register is calculated by dividing the shunt voltage limit by the shunt voltage LSB size.
For this case, the calculated value of the alert limit register is 72 mV / 2.5 μV = 28800d (7080h) .
Values stored in the alert limit register are set to the default values after VS power cycle events and need to be
reprogrammed each time power is applied.
8.2.2.5 Calculate Returned Values
Table 8-4 below shows the register values assuming the design requirements shown in Table 8-3. User
programmed values for the Configuration, Calibration, Mask/Enable and Alert limit registers are shown, as well
as, the returned values for shunt voltage, current, bus voltage and power. Parametric values are calculated by
multiplying the returned value by the LSB value.
Table 8-4. Calculate Returned Values
Register
Contents
LSB Value
Calculated Value
Configuration (0h)
16679d (4127h)
—
—
Calibration (5h)
1280d (500h)
—
—
Mask/Enable (6h)
32768 (8000h)
—
—
Alert Limit (7h)
28800d (7080h)
2.5 μV/LSB
28800 × 2.5 μV = 0.072 V
Shunt Voltage (1h)
19200d (4B00h)
2.5 µV/LSB
19200 × 2.5 μV = 0.048 V
Bus Voltage (2h)
7500d (1D4Ch)
1.6 mV/LSB
7500 × 1.6 mV = 12 V
Current (4h)
12000d (2EE0h)
500 µA/LSB
12000 × 500 µA = 6 A
Power (3h)
4500d (1194h)
Current LSB x 32 = 16 mW/LSB
4500 × 16 mW = 72 W
Shunt Voltage and Current return values in two's complement format. In two's complement format a negative
value in binary is represented by having a 1 in the most significant bit of the returned value. These values can
be converted to decimal by first inverting all the bits and adding 1 to obtain the unsigned binary value. This value
should then be converted to decimal with the negative sign applied.
8.2.3 Application Curves
Figure 8-3 shows the ALERT pin response to a shunt overvoltage limit of 72 mV for a conversion time (tCT)
of 140 µs and averaging set to 1. Figure 8-4 shows the response for the same limit but with the conversion
time increased to 1.1 ms. For the scope shots shown in these figures, persistence was enabled on the ALERT
channel. Figure 8-3 and Figure 8-4 show how the ALERT response time can vary depending on when the fault
condition occurs relative to the internal ADC clock of the INA232. For fault conditions that are just exceeding the
limit threshold, the response time for the ALERT pin can vary from one to two conversion cycles. As mentioned
previously, the variation is because of the timing on when the fault event occurs relative to the start time of the
internal ADC conversion cycle. For fault events that greatly exceed the limit threshold, the alert can respond in
less than one conversion cycle.
TIME (50 µs / div)
LIMIT: 72 mV
~140 µs (1 conversion)
< 280 µs (2 conversions)
Figure 8-3. Alert Response (tCT = 140 µs)
TIME (500 µs / div)
LIMIT: 72 mV
1000 µs (~1 conversion)
< 2200 µs (2 conversions)
Figure 8-4. Alert Response (tCT = 1.1 ms)
www.ti.com
INA232
SBOSAA2 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: INA232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com