Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS2XP4AA35X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # DLS2XP4AA35X
Description  D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS with threaded spacer clip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

DLS2XP4AA35X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  DLS2XP4AA35X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - DLS2XP4AA35X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
DLS2XP4AA35X CONEC-DLS2XP4AA35X Datasheet
50Kb / 1P
D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS with threaded spacer clip
03.01.2007
DLS2XP4AA35X CONEC-DLS2XP4AA35X Datasheet
50Kb / 1P
D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS with threaded spacer clip
03.01.2007
DLS2XP4AA35X CONEC-DLS2XP4AA35X Datasheet
55Kb / 1P
D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS with threaded spacer clip
03.01.2007
More results

Similar Description - DLS2XP4AA35X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
301A11029X CONEC-301A11029X Datasheet
49Kb / 1P
D-SUB MALE 90° 9-37pos. pin angled 0.318inch, stamped contacts with threaded insert and clip
28.06.2002
302A10779X CONEC-302A10779X Datasheet
63Kb / 1P
D-SUB FEMALE 90° 9-37pos. stamped contacts with threaded lock and clip
04.05.2004
302A11289X CONEC-302A11289X Datasheet
76Kb / 1P
D-SUB FEMALE 90° 9-37pos. STAMPED CONTACTS with threaded lock and clip
17.03.2005
DLS2XP4AA35X CONEC-DLS2XP4AA35X Datasheet
50Kb / 1P
D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS with threaded spacer clip
03.01.2007
DLS3XP4AA35X CONEC-DLS3XP4AA35X Datasheet
50Kb / 1P
D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS with threaded spacer clip
03.01.2007
DLS4XP4AA35X CONEC-DLS4XP4AA35X Datasheet
55Kb / 1P
D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS with threaded spacer clip
03.01.2007
6STD15PAR99E20X CONEC-6STD15PAR99E20X Datasheet
149Kb / 2P
D-SUB MALE 9-37pos. SOLDER PIN STRAIGHT with threaded spacer clip
01.02
6STD15PCR99E20X CONEC-6STD15PCR99E20X Datasheet
89Kb / 1P
D-SUB MALE 9-37pos. SOLDER PIN STRAIGHT with threaded spacer clip
04.02
6STD25PAR99E20X CONEC-6STD25PAR99E20X Datasheet
149Kb / 2P
D-SUB MALE 9-37pos. SOLDER PIN STRAIGHT with threaded spacer clip
01.02
6STD37PAR99E20X CONEC-6STD37PAR99E20X Datasheet
149Kb / 2P
D-SUB MALE 9-37pos. SOLDER PIN STRAIGHT with threaded spacer clip
01.02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com