Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP34063 Datasheet(PDF) 2 Page - Ceramate Technical

Part # CP34063
Description  1.5A,Step-Up/Down/Inverting Switching Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP34063 Datasheet(HTML) 2 Page - Ceramate Technical

  CP34063 Datasheet HTML 1Page - Ceramate Technical CP34063 Datasheet HTML 2Page - Ceramate Technical CP34063 Datasheet HTML 3Page - Ceramate Technical CP34063 Datasheet HTML 4Page - Ceramate Technical CP34063 Datasheet HTML 5Page - Ceramate Technical CP34063 Datasheet HTML 6Page - Ceramate Technical CP34063 Datasheet HTML 7Page - Ceramate Technical CP34063 Datasheet HTML 8Page - Ceramate Technical CP34063 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CP34063
1.5A,Step-Up/Down/Inverting Switching Regulators
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
40
Vdc
Comparator Input Voltage Range
VIR
–0.3 to +40
Vdc
Switch Collector Voltage
VC(switch)
40
Vdc
Switch Emitter Voltage (VPin 1 = 40 V)
VE(switch)
40
Vdc
Switch Collector to Emitter Voltage
VCE(switch)
40
Vdc
Driver Collector Voltage
VC(driver)
40
Vdc
Driver Collector Current (Note 1)
IC(driver)
100
mA
Switch Current
ISW
1.5
A
Power Dissipation and Thermal Characteristics
Plastic Package, PDIP-8
TA = 25°C
PD
1.25
W
Thermal Resistance
RθJA
100
°C/W
SOIC Package, SOP-8
TA = 25°C
PD
625
mW
Thermal Resistance
RθJA
160
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature Range
TA
°C
0 to +70
Storage Temperature Range
Tstg
–65 to +150
°C
1. Maximum package power dissipation limits must be observed.
2. ESD data available upon request.
3. NCV prefix is for automotive and other applications requiring site and change control.
ORDERING INFORMATION
CP 34063 X
A : Taping (SOP-8)
N : Tube (DIP-8)
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
2 of 10
Rev 1.
1 Jul.18,2003



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com