Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP34063N Datasheet(PDF) 9 Page - Ceramate Technical

Part # CP34063N
Description  1.5A,Step-Up/Down/Inverting Switching Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP34063N Datasheet(HTML) 9 Page - Ceramate Technical

Back Button CP34063N Datasheet HTML 2Page - Ceramate Technical CP34063N Datasheet HTML 3Page - Ceramate Technical CP34063N Datasheet HTML 4Page - Ceramate Technical CP34063N Datasheet HTML 5Page - Ceramate Technical CP34063N Datasheet HTML 6Page - Ceramate Technical CP34063N Datasheet HTML 7Page - Ceramate Technical CP34063N Datasheet HTML 8Page - Ceramate Technical CP34063N Datasheet HTML 9Page - Ceramate Technical CP34063N Datasheet HTML 10Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CP34063
1.5A,Step-Up/Down/Inverting Switching Regulators
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Package Outlines : DIP-8
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
NOTES
A
-
0.200
-
5.08
-
b1
0.014
0.023
0.36
0.58
-
b2
0.045
0.065
1.14
1.65
-
c1
0.008
0.015
0.20
0.38
-
D
0.355
0.400
9.02
10.16
-
E
0.220
0.310
5.59
7.87
-
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
L
0.125
0.200
3.18
5.08
-
Q
0.015
0.060
0.38
1.52
-
s1
0.005
-
0.13
-
-
α
900
1050
900
1050
-
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
9 of 10
Rev 1.
1 Jul.18,2003



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com