Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

013RLC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 013RLC
Description  Aluminum Electrolytic Capacitors Radial Low Leakage Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

013RLC Datasheet(HTML) 4 Page - Vishay Siliconix

  013RLC Datasheet HTML 1Page - Vishay Siliconix 013RLC Datasheet HTML 2Page - Vishay Siliconix 013RLC Datasheet HTML 3Page - Vishay Siliconix 013RLC Datasheet HTML 4Page - Vishay Siliconix 013RLC Datasheet HTML 5Page - Vishay Siliconix 013RLC Datasheet HTML 6Page - Vishay Siliconix 013RLC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
013 RLC
www.vishay.com
Vishay BCcomponents
Revision: 15-Jul-16
4
Document Number: 28313
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITANCE (C)
Fig. 6 - Typical multiplier of capacitance as a function
of ambient temperature
Fig. 7 - Typical multiplier of capacitance as
a function of frequency
LEAKAGE CURRENT
Fig. 8 - Typical multiplier of leakage current
as a function of ambient temperature
Fig. 9 - Typical multiplier of leakage current as a function of time
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us  1.3 x UR
Reverse voltage
Urev  1 V
Current
Leakage current
After 2 min at UR:
UR = 6.3 V to 25 V
IL2  0.002 CR x UR or 0.7 μA, whichever is greater
UR = 35 V and 50 V
IL2  0.002 CR x UR + 1 μA
Inductance
Equivalent series inductance (ESL)
Case Ø D x L = 5 mm x 11 mm
Typ. 13 nH
Case Ø D x L = 8.2 mm x 11 mm
Typ. 16 nH
Resistance
Equivalent series resistance (ESR)
Calculated from tan
max. and CR (see Table 1)
ESR = tan
/2 f C
R
- 40
- 20
40
60
80
0.7
0.8
0.9
1.0
100
1.1
C
0
C
1
4
4
2
1
3
0
20
Curve 1: 25 V and 50 V, 2.2 µF
Curve 2: 25 V and 50 V, 3.3 µF to 6.8 µF
Curve 3: 25 V and 50 V, 10 µF to 68 µF
Curve 4: 6.3 V, 10 V, 16 V, 35 V
T
amb (°C)
C
0 = Capacitance at 20 °C, 100 Hz
0.7
0.8
0.9
1.0
1.1
C
0
C
T
amb (°C)
C
0 = Capacitance at 20 °C, 100 Hz
10
5
10
4
10
3
10
2
10
f (Hz)
4
2
1
3
6
5
6
1
Curve 1: 25 V and 50 V, 2.2 µF
Curve 2: 25 V and 50 V, 3.3 µF to 6.8 µF
Curve 3: 25 V and 50 V, 10 µF and 15 µF
Curve 4: 25 V and 50 V, 22 µF to 68 µF
Curve 5: 16 V and 35 V
Curve 6: 6.3 V and 10 V
T
amb (°C)
I
0 = Leakage current during continuous operation
at 20 °C and U
R
100
0
1
10
20
40
60
80
I
I
0
10
-1
I
0 = Leakage current during continuous operation
at 20 °C and U
R
0
1.0
1.0
0
0.2
0.4
0.6
0.8
0.2
0.4
0.6
0.8
I
I
0
U
U
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com