Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

021ASM Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 021ASM
Description  Aluminum Electrolytic Capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

021ASM Datasheet(HTML) 5 Page - Vishay Siliconix

  021ASM Datasheet HTML 1Page - Vishay Siliconix 021ASM Datasheet HTML 2Page - Vishay Siliconix 021ASM Datasheet HTML 3Page - Vishay Siliconix 021ASM Datasheet HTML 4Page - Vishay Siliconix 021ASM Datasheet HTML 5Page - Vishay Siliconix 021ASM Datasheet HTML 6Page - Vishay Siliconix 021ASM Datasheet HTML 7Page - Vishay Siliconix 021ASM Datasheet HTML 8Page - Vishay Siliconix 021ASM Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
021 ASM
www.vishay.com
Vishay BCcomponents
Revision: 16-Sep-16
5
Document Number: 28325
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Determines the applicable row in the table “Endurance Test Duration and Useful Life”
40
22
4.5 x 10
60
5.8
0.11
8.000
3.200
L2
-
27229E3
37229E3
-
47
6 x 10
110
7.8
0.11
3.800
1.500
L2
-
27479E3
37479E3
-
100
8 x 11
170
12
0.11
1.800
0.700
L2
-
90537E3
90538E3
-
100
6.5 x 18
190
12
0.11
1.800
0.700
L2
-
27101E3
37101E3
-
150
8 x 18
250
16
0.11
1.100
0.470
L2
-
27151E3
37151E3
-
220
10 x 18
330
22
0.11
0.800
0.320
L2
-
27221E3
37221E3
-
330
10 x 25
430
30
0.11
0.530
0.210
L2
-
27331E3
37331E3
-
470
10 x 25
520
42
0.11
0.370
0.180
L2
-
90514E3
90515E3
-
470
10 x 30
590
42
0.12
0.404
0.175
L3
17471E3
27471E3
-
-
680
12.5 x 30
800
58
0.12
0.297
0.110
L3
17681E3
27681E3
-
-
1000
12.5 x 30
900
84
0.12
0.190
0.110
L3
17102E3
27102E3
-
-
1500
15 x 30
1120
124
0.15
0.159
0.070
L3
17152E3
27152E3
-
47152E3
2200
18 x 30
1390
180
0.17
0.118
0.065
L3
17222E3
-
-
47222E3
3300
18 x 38
1810
268
0.19
0.090
0.040
L3
17332E3
-
-
47332E3
4700
21 x 38
1940
380
0.21
0.072
0.035
L3
17472E3
-
-
47472E3
63
1.0
4.5 x 10
12
4.1
0.09
150.0
55.00
L2
-
28108E3
38108E3
-
2.2
4.5 x 10
21
4.3
0.09
65.00
25.00
L2
-
28228E3
38228E3
-
3.3
4.5 x 10
25
4.4
0.09
44.00
17.00
L2
-
28338E3
38338E3
-
4.7
4.5 x 10
31
4.6
0.09
31.00
12.00
L2
-
28478E3
38478E3
-
10
4.5 x 10
50
5.3
0.08
13.00
5.500
L2
-
28109E3
38109E3
-
15
4.5 x 10
55
5.9
0.08
8.500
3.700
L2
-
28159E3
38159E3
-
22
6 x 10
90
6.8
0.08
5.800
2.500
L2
-
28229E3
38229E3
-
33
6 x 10
100
8.2
0.08
3.900
1.700
L2
-
28339E3
38339E3
-
47
8 x 11
140
10
0.08
2.700
1.200
L2
-
90541E3
90542E3
-
47
6.5 x 18
150
10
0.08
2.700
1.200
L2
-
28479E3
38479E3
-
68
8 x 11
160
13
0.08
1.900
0.810
L2
-
90544E3
90545E3
-
68
6.5 x 18
170
13
0.08
1.900
0.810
L2
-
28689E3
38689E3
-
100
8 x 18
250
17
0.08
1.300
0.550
L2
-
28101E3
38101E3
-
150
10 x 18
320
23
0.08
0.850
0.370
L2
-
28151E3
38151E3
-
220
10 x 25
430
32
0.08
0.600
0.250
L2
-
90511E3
90512E3
-
220
10 x 30
480
32
0.08
0.614
0.260
L3
18221E3
28221E3
-
-
330
12.5 x 30
610
46
0.08
0.409
0.190
L3
18331E3
28331E3
-
-
470
12.5 x 30
700
63
0.08
0.287
0.130
L3
18471E3
28471E3
-
-
680
15 x 30
890
90
0.08
0.199
0.095
L3
18681E3
28681E3
-
48681E3
1000
18 x 30
1170
130
0.08
0.135
0.075
L3
18102E3
-
-
48102E3
1500
18 x 38
1530
193
0.11
0.122
0.045
L3
18152E3
-
-
48152E3
2200
21 x 38
1780
281
0.13
0.099
0.040
L3
18222E3
-
-
48222E3
100
1.0
4.5 x 10
14
4.2
0.08
130.0
90.00
L2
-
29108E3
39108E3
-
2.2
4.5 x 10
20
4.4
0.08
58.00
41.00
L2
-
29228E3
39228E3
-
4.7
4.5 x 10
30
4.9
0.08
27.00
19.00
L2
-
29478E3
39478E3
-
10
6 x 10
65
6
0.08
13.00
9.000
L2
-
29109E3
39109E3
-
15
8 x 11
77
7
0.08
8.500
6.000
L2
-
90547E3
90548E3
-
15
6.5 x 18
85
7
0.08
8.500
6.000
L2
-
29159E3
39159E3
-
22
8 x 11
95
8.4
0.08
5.800
4.100
L2
-
90551E3
90552E3
-
22
6.5 x 18
100
8.4
0.08
5.800
4.100
L2
-
29229E3
39229E3
-
33
6.5 x 18
120
10.6
0.08
3.900
2.700
L2
-
29339E3
39339E3
-
47
8 x 18
160
13.4
0.08
2.700
1.900
L2
-
29479E3
39479E3
-
68
10 x 18
220
17.6
0.08
1.900
1.300
L2
-
29689E3
39689E3
-
100
10 x 25
300
24
0.08
1.300
0.900
L2
-
90531E3
90532E3
-
100
10 x 30
340
24
0.07
1.150
1.000
L3
19101E3
29101E3
-
-
150
12.5 x 30
490
34
0.07
0.645
0.610
L3
19151E3
29151E3
-
-
220
12.5 x 30
560
48
0.08
0.610
0.560
L3
19221E3
29221E3
-
-
330
15 x 30
740
70
0.09
0.420
0.400
L3
19331E3
29331E3
-
49331E3
470
18 x 30
980
98
0.09
0.310
0.290
L3
19471E3
-
-
49471E3
680
18 x 38
1260
140
0.09
0.195
0.180
L3
19681E3
-
-
49681E3
1000
21 x 38
1470
204
0.10
0.160
0.150
L3
19102E3
-
-
49102E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(mA)
IL5
5 min
(μA)
tan
100 Hz
ESR
100 Hz
(
)
Z
10 kHz
(
)
LIFE
CODE (1)
ORDERING CODE MAL2021.......
IN BOX
FORM
AA
TAPED
ON REEL
FORM
BR
TAPED
IN BOX
FORM
BA
MOUNTING
RING
FORM
MR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com