Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATV5000 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATV5000
Description  High Density UV Erasable Programmable Logic Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV5000 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATV5000 Datasheet HTML 1Page - ATMEL Corporation ATV5000 Datasheet HTML 2Page - ATMEL Corporation ATV5000 Datasheet HTML 3Page - ATMEL Corporation ATV5000 Datasheet HTML 4Page - ATMEL Corporation ATV5000 Datasheet HTML 5Page - ATMEL Corporation ATV5000 Datasheet HTML 6Page - ATMEL Corporation ATV5000 Datasheet HTML 7Page - ATMEL Corporation ATV5000 Datasheet HTML 8Page - ATMEL Corporation ATV5000 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Quadrant Logic Diagram
and Description
The ATV5000 has: four identical quadrants, 52 identical input/
output logic cells, and 24 identical buried logic cells. The uni-
versal bus routes true and false signals from each of the 52 I/O
pins to all four quadrants. Regional buses route each quadrant’s
flip-flop Q and Q locally. The eight input-only pins are available
in every regional bus.
Each logic cell has a number of "regional" and "universal" prod-
uct terms (see Figure 3). The I/O logic cells (Figures 7, 8, 9)
contain three sum terms, two flip-flops, and an I/O buffer. Sum
term B has five product terms - two universal and three regional.
Sum terms A and C each have four product terms - one universal
and three regional. Flip-flop Q1 has global asynchronous preset,
reset, and clock product terms. Flip-flop Q2 has universal asyn-
chronous reset and clock terms and a regional asynchronous pre-
set term. There is one universal product term for the I/O pin out-
put enable.
The buried logic cells (Figure 4) each contain one flip-flop. The
sum term has one universal product term and four regional prod-
uct terms for a total of five. The flip-flop has universal asynchro-
nous preset, reset, and clock terms. In addition, in each buried
logic cell the sum term can be fed back into the regional bus
instead of the flip-flop. This allows for logic expansion.
Regional product terms have as inputs all quadrant flip-flop out-
puts (or buried flip-flop inputs) and the eight dedicated input
pins. Universal product terms have the same inputs plus the 52
I/O pins and their complements.
Quadrant Clock Pin Assignments
Quadrant
Number
Register
Clock Pin
Latch
Clock Pin
12
1
232
34
336
35
466
68
13 I/O
PINS
REGISTER
CLOCK
LATCH
CLOCK
IN/LIN
Q1
Q2
INPUT/
OUTPUT
LOGIC
CELLS
(13 TOTAL)
REGISTER
CLOCK
16
REGIONAL
BUS
UNIVERSAL
BUS TO ALL
QUADRANTS
Q1/D1
BURIED
LOGIC
CELLS
(6 TOTAL)
OE
UNIVERSAL BUS INPUTS
REGIONAL BUS INPUTS
UNIVERSAL
PRODUCT
TERMS
REGIONAL
PRODUCT
TERMS
ALL 8
INPUT ONLY PINS
Quadrant Structure
Figure 3
16
16
16
16
UNIVERSAL
BUS
REGIONAL
BUS
REGIONAL
BUS
13 I/O CELLS
6 BURIED
LOGIC CELLS
13 I/O CELLS
6 BURIED
LOGIC CELLS
QUADRANT
1
QUADRANT
2
INPUT PINS
1,2,32,34,35,
36,66,68
REGISTER
CLOCK PIN 32
LATCH
CLOCK PIN 34
13 I/O PINS
18,19,21-31
REGISTER
CLOCK PIN 2
LATCH
CLOCK PIN 1
13 I/O PINS
4-15,17
REGIONAL
BUS
REGIONAL
BUS
13 I/O CELLS
6 BURIED
LOGIC CELLS
13 I/O CELLS
6 BURIED
LOGIC CELLS
QUADRANT
4
QUADRANT
3
REGISTER
CLOCK PIN 36
LATCH
CLOCK PIN 35
13 I/O PINS
38-49,51
REGISTER
CLOCK PIN 66
LATCH
CLOCK PIN 68
13 I/O PINS
52,53,55-65
ATV5000 Block Diagram
Figure 2
ATV5000/L
1-195



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com