Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

120ATC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 120ATC
Description  Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

120ATC Datasheet(HTML) 4 Page - Vishay Siliconix

  120ATC Datasheet HTML 1Page - Vishay Siliconix 120ATC Datasheet HTML 2Page - Vishay Siliconix 120ATC Datasheet HTML 3Page - Vishay Siliconix 120ATC Datasheet HTML 4Page - Vishay Siliconix 120ATC Datasheet HTML 5Page - Vishay Siliconix 120ATC Datasheet HTML 6Page - Vishay Siliconix 120ATC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
120 ATC
www.vishay.com
Vishay BCcomponents
Revision: 04-Mar-2020
4
Document Number: 28336
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITANCE (C)
Fig. 5 - Typical multiplier of capacitance as a function
of ambient temperature
EQUIVALENT SERIES RESISTANCE (ESR)
Fig. 6 - Typical multiplier of ESR as a function of ambient
temperature at different frequencies
Fig. 7 - Typical multiplier of ESR as a function of ambient
temperature at different frequencies
Fig. 8 - Typical multiplier of ESR as a function of ambient
temperature at different frequencies
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
AXIAL
MOUNTING RING
Voltage
Surge voltage
Us  1.15 x UR
Reverse voltage
Urev  1 V
Current
Leakage current
After 1 min at UR
IL1  0.012 CR x UR + 40 μA
After 5 min at UR
IL5  0.004 CR x UR + 40 μA
Inductance
Equivalent series inductance (ESL)
Case Ø D x L mm:
10 x 30
Typ. 38 nH
12.5 x 30
Typ. 46 nH
15 x 30
Typ. 48 nH
Typ. 39 nH
18 x 30
Typ. 50 nH
Typ. 39 nH
18 x 38
Typ. 54 nH
Typ. 39 nH
21 x 38
Typ. 59 nH
Typ. 39 nH
0.8
-40
-20
0
20
40
60
80
100
120
140
160
0.9
1.0
1.1
1.2
C
C0
All voltages; all case sizes
C
0 = Capacitance at 20 °C, 100 Hz
T
amb (°C)
≤ 40 V types
ESR
0 = Typical at 20 °C
T
amb (°C)
1
10
ESR
ESR
0
10
-1
3
4
2
1
Curve 1: All case sizes; 100 Hz
Curve 2: Case Ø D x L = 18 x 38 and 21 x 38 mm; 10 to 100 kHz
Curve 3: Case Ø D x L = 15 x 30 and 18 x 30 mm; 10 to 100 kHz
Curve 4: Case Ø D x L = 10 x 30 and 12.5 x 30 mm; 10 to 100 kHz
-40
-20
0
20
40
60
80
100
120
140
160
63 V types
ESR
0 = Typical at 20 °C
T
amb (°C)
1
10
3
4
2
1
ESR
ESR
0
10
-1
Curve 1: All case sizes; 100 Hz
Curve 2: Case Ø D x L = 18 x 38 and 21 x 38 mm; 10 to 100 kHz
Curve 3: Case Ø D x L = 15 x 30 and 18 x 30 mm; 10 to 100 kHz
Curve 4: Case Ø D x L = 10 x 30 and 12.5 x 30 mm; 10 to 100 kHz
-40
-20
0
20
40
60
80
100
120
140
160
100 V types
ESR
0 = Typical at 20 °C
T
amb (°C)
1
10
2
ESR
ESR
0
10
-1
10
3
2
1
Curve 1: All case sizes; 100 Hz
Curve 2: Case Ø D x L = 18 x 38 and 21 x 38 mm; 10 to 100 kHz
Curve 3: Case Ø D x L = 10 x 30 and 18 x 30 mm; 10 to 100 kHz
-40
-20
0
20
40
60
80
100
120
140
160



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com