Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1303 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SSD1303
Description  132 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1303 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SSD1303 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1303 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1303 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1303 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1303 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1303 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1303 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1303 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1303 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
SSD1303
Rev 1.7
P 21/56
May 2005
Solomon Systech
8
COMMAND TABLE
Table 4 - Command table
(D/C =0, R/W (WR#)=0, E (RD#)=1)
Note: commands marked with “**” are compatible to SSD1301
D/C
Hex
D7 D6 D5 D4 D3 D2 D1 D0
Command
Description
0
0
0
0
0
X3
X2
X1
X0
00~0F
Set Lower Column
Address **
Set the lower nibble of the column address register
using X3X2X1X0 as data bits. The initial display line
register is reset to 0000b after POR.
0
10~1F
0
0
0
1
X3
X2
X1
X0
Set Higher Column
Address **
Set the higher nibble of the column address register
using X3X2X1X0 as data bits. The initial display line
register is reset to 0000b after POR.
0
26
0
0
1
0
0
1
1
0
Horizontal scroll setup
A[2:0] Set the number of column scroll per step
0
A[2:0]
*
*
*
*
*
A2
A1
A0
Valid value: 001b, 010b, 011b, 100b
0
B[2:0]
*
*
*
*
*
B2
B1
B0
B[2:0] Define start page address
0
C[1:0]
*
*
*
*
*
*
C1
C0
C[1:0] Set time interval between each scroll step in
terms of frame frequency
0
D[2:0]
*
*
*
*
*
D2
D1
D0
00b – 12 frame
01b – 64 frames
10b – 128 frames
11b – 256 frames
D[2:0] Define end page address
Set the value of D[2:0] larger or equal to B[2:0]
0
0
0
1
0
1
1
1
1
2F
Activate horizontal scroll Start horizontal scrolling
0
0
0
1
0
1
1
1
0
2E
Deactivate horizontal
scroll
Stop horizontal scrolling
0
40-7F
0
1
X5
X4
X3
X2
X1
X0
Set Display Start Line
Set display TAM display start line register from 0-63
using X5X3X2X1X0.
Display start line register is reset to 000000 during
POR
0
81
1
0
0
0
0
0
0
1
0
A[7:0]
A7
A6
A5
A4
A3
A2
A1
A0
Set Contrast Control
Register **
Double byte command to select 1 out of 256 contrast
steps. Contrast increases as the value increases.
(POR = 80h)
0
82
1
0
0
0
0
0
1
0
0
A[7:0]
A7
A6
A5
A4
A3
A2
A1
A0
Brightness for color
banks
Double byte command to select 1 out of 256
brightness steps. Brightness increases as the value
increases. (POR = 80h)
0
91
1
0
0
1
0
0
0
1
Set current drive pulse width of Bank 0, Colour A, B
and C.
0
X[5:0]
*
*
X5
X4
X3
X2
X1
X0
Bank 0: X[5:0] = 0… 63; for pulse width set to 1 ~
64 clocks (POR = 110001b)
0
A[5:0]
*
*
A5
A4
A3
A2
A1
A0
Colour A: A[5:0] same as above (POR = 111111b)
0
B[5:0]
*
*
B5
B4
B3
B2
B1
B0
Colour B: B[5:0] same as above (POR = 111111b)
0
C[5:0]
*
*
C5
C4
C3
C2
C1
C0
Colour C: C[5:0] same as above (POR = 111111b)
Set Look Up Table
(LUT) for area colour
Note: colour D pulse width is fixed at 64 clocks
pulse .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com