Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATV5000-35UI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATV5000-35UI
Description  High Density UV Erasable Programmable Logic Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV5000-35UI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATV5000-35UI Datasheet HTML 2Page - ATMEL Corporation ATV5000-35UI Datasheet HTML 3Page - ATMEL Corporation ATV5000-35UI Datasheet HTML 4Page - ATMEL Corporation ATV5000-35UI Datasheet HTML 5Page - ATMEL Corporation ATV5000-35UI Datasheet HTML 6Page - ATMEL Corporation ATV5000-35UI Datasheet HTML 7Page - ATMEL Corporation ATV5000-35UI Datasheet HTML 8Page - ATMEL Corporation ATV5000-35UI Datasheet HTML 9Page - ATMEL Corporation ATV5000-35UI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Register A.C. Characteristics, Input Pin Clock
ATV5000-25
ATV5000/L-30
ATV5000/L-35
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
tCOS
Clock to Output
15
20
25
ns
tCFS
Clock to Feedback
0
9
0
12
0
15
ns
tSIS
Input Setup Time
(1)
16
17
20
ns
tSFS
Feedback Setup Time
(1)
11
13
15
ns
tHS
Hold Time
0
0
0
ns
tWS
Clock Width
10
12
15
ns
tPS
Clock Period
20
25
30
ns
FMAXS
Maximum Frequency (1/tPS)
50
40
33
MHz
tARS
Asynchronous Reset/Preset Recovery Time
20
25
30
ns
Note:
1. Add 3 ns for Universal Product Terms.
Register A.C. Characteristics, Product Term Clock
ATV5000-25
ATV5000/L-30
ATV5000/L-35
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
tCOA
Clock to Output
25
30
35
ns
tCFA
Clock to Feedback
7
20
10
25
12
27
ns
tSIA
Input Setup Time
(1)
10
12
15
ns
tSFA
Feedback Setup Time
(1)
5
8
13
ns
tHA
Hold Time
8
10
12
ns
tWA
Clock Width
12
15
15
ns
tPA
Clock Period
25
33
40
ns
FMAXA
Maximum Frequency (1/tPA)
403025
MHz
tARA
Asynchronous Reset/Preset Recovery Time
15
20
25
ns
Note:
1. Add 3 ns for Universal Product Terms.
tCOA
ASYNCHRONOUS
INPUTS AND
REGISTER
tPA
tWA
tSIA
OUTPUTS
VALID
OUTPUT
I/O PINS
REGISTERED
tHA
tARA
INTERNAL
VALID
FEEDBACKS
tCFA
CLOCK
RESET/PRESET
tSFA
tWA
OUTPUT
VALID
VALID
tAP
tAPF
TERM
tAW
A.C. Waveforms
(1)
Product Term Clock
tCOS
ASYNCHRONOUS
INPUTS AND
REGISTER
tPS
tWS
tSIS
OUTPUTS
VALID
OUTPUT
I/O PINS
REGISTERED
tHS
tARS
INTERNAL
VALID
FEEDBACKS
tCFS
CLOCK PIN
RESET/PRESET
tSFS
tWS
OUTPUT
VALID
VALID
tAP
tAPF
tAW
A.C. Waveforms
(1)
Input Pin Clock
Notes:
1. Timing measurement reference is 1.5 V. Input AC driving levels are 0.0 V and 3.0 V, unless otherwise specified.
1-198
ATV5000/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com