Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD05463 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # DGD05463
Description  HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD05463 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button DGD05463 Datasheet HTML 6Page - Diodes Incorporated DGD05463 Datasheet HTML 7Page - Diodes Incorporated DGD05463 Datasheet HTML 8Page - Diodes Incorporated DGD05463 Datasheet HTML 9Page - Diodes Incorporated DGD05463 Datasheet HTML 10Page - Diodes Incorporated DGD05463 Datasheet HTML 11Page - Diodes Incorporated DGD05463 Datasheet HTML 12Page - Diodes Incorporated DGD05463 Datasheet HTML 13Page - Diodes Incorporated DGD05463 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DGD05463
Document number: DS40512 Rev. 6 - 2
13 of 14
www.diodes.com
July 2021
© Diodes Incorporated
DGD05463
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
MSOP-10
MSOP-10
Dim Min Max Typ
A
-
1.10
-
A1 0.05 0.15 0.10
A2 0.75 0.95 0.86
A3 0.29 0.49 0.39
b
0.17 0.27 0.20
c
0.08 0.23 0.15
D
2.95 3.05 3.00
e
-
-
0.50
E
4.80 5.00 4.90
E1 2.95 3.05 3.00
E3 2.85 3.05 2.95
L
0.40 0.80 0.60
X
--
--
0.750
Y
--
--
0.750
a
0°
8°
4°
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
MSOP-10
1
D
A
A1
A2
E
e
Y
X
D
b
Seating Plane
Gauge Plane
0.25
L
4x10°
4X10°
c
E1
E3
A3
Dimensions
Value
(in mm)
C
0.50
X
0.30
Y
1.35
Y1
5.30
X
Y
C
Y1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com