Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5523 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # LSP5523
Description  3A 27V Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LSP5523 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button LSP5523 Datasheet HTML 9Page - Diodes Incorporated LSP5523 Datasheet HTML 10Page - Diodes Incorporated LSP5523 Datasheet HTML 11Page - Diodes Incorporated LSP5523 Datasheet HTML 12Page - Diodes Incorporated LSP5523 Datasheet HTML 13Page - Diodes Incorporated LSP5523 Datasheet HTML 14Page - Diodes Incorporated LSP5523 Datasheet HTML 15Page - Diodes Incorporated LSP5523 Datasheet HTML 16Page - Diodes Incorporated LSP5523 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
LSP5523
Document number: DS44073 Rev. 7 - 2
13 of 17
www.diodes.com
May 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
LSP5523
Typical Characteristics (Continued)
EFFICIENCY vs LOAD CURRENT (Vout=3.3V)
62.0
66.0
70.0
74.0
78.0
82.0
86.0
90.0
94.0
98.0
0
0.5
1
1.5
2
2.5
3
3.5
LOAD CURRENT (A)
Vin=23 V
Vin=12V
Vin=5
V
OUTPUT VOLTAGE (3.3V) vs LOAD CURRENT
3.2
3.225
3.25
3.275
3.3
3.325
3.35
3.375
3.4
0
0.5
1
1.5
2
2.5
3
3.5
4
LOAD CURRENT, (A)
Vin=5
V
Vin=23 V
Vin=12V
OUTPUT VOLTAGE vs
AMBIENT TEMPERATURE
3.2775
3.28
3.2825
3.285
3.2875
3.29
3.2925
3.295
3.2975
3.3
3.3025
3.305
3.3075
3.31
-50 -30 -10 10
30
50
70
90 110 130 150
AMBIENT TEMPERATURE, (C)
SWITCHING FREQUENCY vs
AMBIENT TEMPERATURE
310
315
320
325
330
335
340
345
350
-50 -30 -10
10
30
50
70
90 110 130 150
AMBIENT TEMPERATURE, (C)
SWITCHES RdsON vs
JUNCTION TEMPERATURE (Vin=12V)
0.06
0.07
0.08
0.09
0.1
0.11
0.12
0.13
10
30
50
70
90
110
130
150
170
JUNCTION TEMPERATURE (C)
JUNCTION TEMPERATURE vs LOAD CURRENT (Ta=25C)
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
LOAD CURRENT, A
Vin=23V
Vin=12V
Vin=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com