Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP5526 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # LSP5526
Description  2A 23V Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LSP5526 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button LSP5526 Datasheet HTML 9Page - Diodes Incorporated LSP5526 Datasheet HTML 10Page - Diodes Incorporated LSP5526 Datasheet HTML 11Page - Diodes Incorporated LSP5526 Datasheet HTML 12Page - Diodes Incorporated LSP5526 Datasheet HTML 13Page - Diodes Incorporated LSP5526 Datasheet HTML 14Page - Diodes Incorporated LSP5526 Datasheet HTML 15Page - Diodes Incorporated LSP5526 Datasheet HTML 16Page - Diodes Incorporated LSP5526 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
LSP5526
Document number: DS44109 Rev. 9 - 2
13 of 17
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
LSP5526
Typical Characteristics (Continued)
SWITCHES RdsON vs
JUNCTION TEMPERATURE (Vin=12V)
0.08
0.09
0.1
0.11
0.12
0.13
0.14
0.15
0.16
10
30
50
70
90
110
130
150
170
JUNCTION TEMPERATURE (C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com