Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1510 Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1510
Description  1-Form-A Solid State Relay with Integrated Current Limit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1510 Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1510 Datasheet HTML 1Page - Clare, Inc. CPC1510 Datasheet HTML 2Page - Clare, Inc. CPC1510 Datasheet HTML 3Page - Clare, Inc. CPC1510 Datasheet HTML 4Page - Clare, Inc. CPC1510 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
CPC1510
R01
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Ratings
Units
Blocking Voltage
250
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
800
mW
Isolation Voltage Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 1.33 mW/˚C
2 Derate Linearly 1.67 mW/˚C
Electrical absolute maximum ratings are at 25°C
Absolute Maximum Ratings
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Current Limit
AC/DC Configuration
I
F=5mA, VL=±5V, t=5ms
I
LMT
300
366
450
mA
DC Configuration
600
700
920
On-Resistance
AC/DC Configuration
I
F=5mA, IL=100mA
R
ON
6
11
15
Ω
DC Configuration
1.5
2.8
3.75
Off-State Leakage Current
V
L=200V
I
LEAK
-
0.02
1
µA
Switching Speeds
Turn-On
I
F=5mA, IL=100mA
T
ON
-
0.30
2
ms
Turn-Off
T
OFF
0.16
Output Capacitance
I
F=0mA, VL=1.0V
C
O
-
-
-
pF
I
F=0mA, VL=50V
Input Characteristics @ 25°C
Input Control Current
I
L=100mA
I
F
5
-
-
mA
Input Dropout Current
I
L=100mA
I
F
0.2
-
-
mA
LED Forward Voltage
I
F=10mA
V
F
1.15
1.29
1.45
V
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-
3
-
pF
Electrical Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com