Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5601D Datasheet(PDF) 13 Page - Clare, Inc.

Part # CPC5601D
Description  Auxiliary Programmable Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5601D Datasheet(HTML) 13 Page - Clare, Inc.

Back Button CPC5601D Datasheet HTML 6Page - Clare, Inc. CPC5601D Datasheet HTML 7Page - Clare, Inc. CPC5601D Datasheet HTML 8Page - Clare, Inc. CPC5601D Datasheet HTML 9Page - Clare, Inc. CPC5601D Datasheet HTML 10Page - Clare, Inc. CPC5601D Datasheet HTML 11Page - Clare, Inc. CPC5601D Datasheet HTML 12Page - Clare, Inc. CPC5601D Datasheet HTML 13Page - Clare, Inc. CPC5601D Datasheet HTML 14Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CPC5601
R3.0
www.clare.com
13
• All bits must be set in each programming sequence,
even to change just one of the outputs.
• Data is placed in least-significant bit (output 1) first.
• After setting all the bits, take the input low. In the
absence of low-to-high transitions on the input, the
internal CPC5601 clock is held high, preventing any
output changes.
• The CPC5601 does not employ a shift register load
function. As new data is shifted into the flip-flops, the
outputs (starting with b1) change throughout the
data input sequence.
3.3 Programming Example
This programming example sets the following
CPC5601 output state, suitable for a European DAA:
3.3.1 LITELINK III
3.3.2 LITELINK II
1.
Hold the input low for 50
µS.
2.
Set the input high for 50
µS to trigger the timer.
3.
Set the input low for 150
µS to set output b1 to
off.
4.
Repeat the steps as shown in the programming
waveform below to program all six outputs to the
desired pattern.
Figure 8. LITELINK III European Programming Sample Input Waveform
Figure 9. LITELINK II European Programming Sample Input Waveform
4. Regulatory Information
CPC5601 can be used to build products that comply
with the requirements of TIA/EIA/IS-968 (formerly
FCC part 68), FCC part 15B, TBR-21, EN60950,
UL1950, EN55022B, IEC950/IEC60950, CISPR22B,
EN55024, and many other standards. CPC5601 com-
plies with the requirements of UL1577. CPC5601 pro-
vides supplementary isolation. Metallic surge
requirements are met through the inclusion of a Sidac-
tor in the application circuit. Longitudinal surge protec-
tion is provided by CPC5601’s optical-across-the-
b1 (LSB)
b2
b3
b4
b5
b6 (MSB)
off
off
on
off
on
off
b1 (LSB)
b2
b3
b4
b5
b6 (MSB)
off
off
on
on
on
off
t0
50 S/div.
µ
setup
setup
setup
setup
setup
setup
timer
trigger
timer
trigger
timer
trigger
timer
trigger
timer
trigger
timer
trigger
bit 1
set off
bit 2
set off
bit 3
set on
bit 4
set off
bit 5
set on
bit 6
set off
t0
50 S/div.
µ
setup
setup
setup
setup
setup
setup
timer
trigger
timer
trigger
timer
trigger
timer
trigger
timer
trigger
timer
trigger
bit 1
set off
bit 2
set off
bit 3
set on
bit 4
set on
bit 5
set on
bit 6
set off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com