Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAA110LS Datasheet(PDF) 3 Page - Clare, Inc.

Part # LAA110LS
Description  Dual Pole OptoMOS Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA110LS Datasheet(HTML) 3 Page - Clare, Inc.

  LAA110LS Datasheet HTML 1Page - Clare, Inc. LAA110LS Datasheet HTML 2Page - Clare, Inc. LAA110LS Datasheet HTML 3Page - Clare, Inc. LAA110LS Datasheet HTML 4Page - Clare, Inc. LAA110LS Datasheet HTML 5Page - Clare, Inc. LAA110LS Datasheet HTML 6Page - Clare, Inc. LAA110LS Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LAA110L
www.clare.com
3
Rev. 7.0
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LAA110L
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 5mADC)
35
30
25
20
15
10
5
0
On-Resistance (
Ω)
17.0
17.8
18.6
19.4
17.4
18.2
19.0
LAA110L
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
382.8
395.8
408.8
376.3
389.3
402.3
415.3
Blocking Voltage (V)
LAA110L
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC)
LED Current (mA)
25
20
15
10
5
0
0.75
1.35
1.95
0.45
1.05
1.65
2.25
LAA110L
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC
25
20
15
10
5
0
0.75
1.35
1.95
0.45
1.05
1.65
2.25
LED Current (mA)
)
LAA110L
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 5mADC)
0.25
0.45
0.65
0.15
0.35
0.55
Turn-On (ms)
25
20
15
10
5
0
LAA110L
Typical Blocking Voltage
vs. Temperature
Temperature (
°C)
-40
420
410
400
390
380
370
360
-20
0
20
40
60
80
100
LAA110L
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 5mADC)
0.025
0.075
0.125
0.175
0.225
Turn-Off (ms)
25
20
15
10
5
0
LAA110L
Typical Load Current vs. Temperature
Temperature (
°C)
180
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100
20mA
10mA
5mA
LAA110L
Typical Leakage vs. Temperature
(Measured across Pins 5 & 6 or 7 & 8)
Temperature (
°C)
-40
0.014
0.012
0.01
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
LAA110L
Typical Turn-On vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
5mA
10mA
20mA
-40
1.600
1.400
1.200
1.000
0.800
0.600
0.400
0.200
0
-20
0
20
40
60
80
100
LAA110L
Typical Turn-Off vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
0.700
0.600
0.500
0.400
0.300
0.200
0.100
0
-20
0
20
40
60
80
100
5mA
LAA110L
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com